Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS75915KTT Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS75915KTT
Descripción Electrónicos  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75915KTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS75915KTT Datasheet HTML 3Page - Texas Instruments TPS75915KTT Datasheet HTML 4Page - Texas Instruments TPS75915KTT Datasheet HTML 5Page - Texas Instruments TPS75915KTT Datasheet HTML 6Page - Texas Instruments TPS75915KTT Datasheet HTML 7Page - Texas Instruments TPS75915KTT Datasheet HTML 8Page - Texas Instruments TPS75915KTT Datasheet HTML 9Page - Texas Instruments TPS75915KTT Datasheet HTML 10Page - Texas Instruments TPS75915KTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating junction temperature range (T
J = -40°C to 125°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V,
C
O = 100 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 7.5 A, VI = 3.2 V, TJ = 25°C
400
mV
Dropout voltage (3.3 V out-
put)(5)
VO
IO = 7.5 A, VI = 3.2 V
750
mV
Discharge transistor current
VO = 1.5 V, TJ = 25°C
10
25
mA
UVLO
TJ = 25°C, VI rising
2.2
2.75
V
VI
UVLO hysteresis
TJ = 25°C, VI falling
100
mV
(5)
IN voltage equals VO(Typ) - 100 mV; TPS75915, TPS75918, and TPS75925 dropout voltage limited by input voltage range limitations
(i.e., TPS75933 input voltage is set to 3.2 V for the purpose of this test).
7


Número de pieza similar - TPS75915KTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75915KTT TI1-TPS75915KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75915KTTR TI1-TPS75915KTTR Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75915KTTRG3 TI1-TPS75915KTTRG3 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75915KTTT TI1-TPS75915KTTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75915KTTTG3 TI1-TPS75915KTTTG3 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS75915KTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com