Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76815QPWPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS76815QPWPRQ1
Descripción Electrónicos  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76815QPWPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76815QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS76815QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS76815QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS76815QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS76815QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS76815QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS76815QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS76815QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS76815QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS76815-Q1, TPS76818-Q1, TPS76825-Q1, TPS76827-Q1
TPS76828-Q1, TPS76830-Q1 TPS76833-Q1, TPS76850-Q1, TPS76801-Q1
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
SGLS155A − FEBRUARY 2003 − REVISED SEPTEMBER 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram—fixed-voltage version
_
+
Vref = 1.1834 V
OUT
EN
GND
R1
R2
_
+
IN
PG
Terminal Functions
PWP Package
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND/HSINK
1
Ground/heatsink
GND/HSINK
2
Ground/heatsink
GND
3
LDO ground
NC
4
No connect
EN
5
I
Enable input
IN
6
I
Input
IN
7
I
Input
NC
8
No connect
GND/HSINK
9
Ground/heatsink
GND/HSINK
10
Ground/heatsink
GND/HSINK
11
Ground/heatsink
GND/HSINK
12
Ground/heatsink
OUT
13
O
Regulated output voltage
OUT
14
O
Regulated output voltage
FB/NC
15
I
Feedback input voltage for adjustable device (no connect for fixed options)
PG
16
O
PG output
NC
17
No connect
NC
18
No connect
GND/HSINK
19
Ground/heatsink
GND/HSINK
20
Ground/heatsink


Número de pieza similar - TPS76815QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76815QPWPRQ1 TI-TPS76815QPWPRQ1 Datasheet
360Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815QPWPRQ1 TI1-TPS76815QPWPRQ1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS76815QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com