Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS758 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS758
Descripción Electrónicos  FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS758 Datasheet(HTML) 3 Page - Texas Instruments

  TPS758 Datasheet HTML 1Page - Texas Instruments TPS758 Datasheet HTML 2Page - Texas Instruments TPS758 Datasheet HTML 3Page - Texas Instruments TPS758 Datasheet HTML 4Page - Texas Instruments TPS758 Datasheet HTML 5Page - Texas Instruments TPS758 Datasheet HTML 6Page - Texas Instruments TPS758 Datasheet HTML 7Page - Texas Instruments TPS758 Datasheet HTML 8Page - Texas Instruments TPS758 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS75801
,, TPS758A01
TPS75815, TPS75818
TPS75825, TPS75833
SLVS330F – JUNE 2001 – REVISED APRIL 2007
Over recommended operating junction temperature range (T
J = –40°C to +125°C), VIN = VOUT(nom) + 1V, IOUT = 1mA,
V
EN = VIN, COUT = 100µF (unless otherwise noted). Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.8
5.5
V
TPS75801
1.225
V
VREF
Reference voltage
TPS758A01
1.24
V
Output voltage range
VREF
5
V
VOUT
TPS75801
VOUT + 1V ≤ VIN ≤ 5.5V, 1mA ≤ IOUT ≤ 3A
–3
+3
%
Accuracy(1)
TPS758A01
VOUT + 1V ≤ VIN ≤ 5.5V, 1mA ≤ IOUT ≤ 3A
–3
+3
%
∆V
OUT%/∆VIN
Line regulation(1)
VOUT + 1V ≤ VIN < 5.5V
0.04
0.1
%/V
∆V
OUT%/∆IOUT
Load regulation
1mA
≤ I
OUT ≤ 3A
0.15
%
VDO
Dropout voltage (2)
VIN = 3.2V, IOUT = 3A
150
300
mV
ICL
Output current limit
VOUT = 0V
5.5
10
14
A
IGND
Ground pin current
1mA
≤ I
OUT ≤ 3A
125
200
µA
ISHDN
Shutdown current (IGND)
VEN = 0V
0.1
3
µA
IFB
FB pin current
FB = 1.5V
–1
1
µA
Power-supply rejection ratio
PSRR
f = 100Hz, VIN = 2.8V, VOUT = 1.5V, IOUT = 3A
62
dB
(ripple rejection)
VN
Output noise voltage
BW = 300Hz to 50kHz, VIN = 2.8V, VOUT = 1.5V
35
µV
RMS
VEN(HI)
Enable high (enabled)
2
V
VEN(LO)
Enable low (shutdown)
0.7
V
VEN = VIN
–1
1
µA
IEN(HI)
Enable pin current (enabled)
VEN = 0V
–1
0
1
µA
Output discharge transistor current
TJ = +25°C, VOUT = 1.5V
10
25
mA
Undervoltage lockout
TJ = +25°C, VIN rising
2.2
2.75
V
UVLO
Hysteresis
VIN falling
100
mV
TSD
Thermal shutdown temperature
+150
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Minimum VIN = VOUT + VDO or 2.8V, whichever is greater.
(2)
VIN = VOUT(nom)– 0.1V. VDO is not measured for devices with VOUT(nom) < 2.9V because minimum VIN = 2.8V.
3
Submit Documentation Feedback


Número de pieza similar - TPS758

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KC TI-TPS75801KC Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KC TI-TPS75801KC Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KCG3 TI-TPS75801KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS758

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com