Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS77301 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS77301
Descripción Electrónicos  250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77301 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS77301_16 Datasheet HTML 3Page - Texas Instruments TPS77301_16 Datasheet HTML 4Page - Texas Instruments TPS77301_16 Datasheet HTML 5Page - Texas Instruments TPS77301_16 Datasheet HTML 6Page - Texas Instruments TPS77301_16 Datasheet HTML 7Page - Texas Instruments TPS77301_16 Datasheet HTML 8Page - Texas Instruments TPS77301_16 Datasheet HTML 9Page - Texas Instruments TPS77301_16 Datasheet HTML 10Page - Texas Instruments TPS77301_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPS77301/315/316/318/327/328/333/350 WITH RESET OUTPUT
TPS77401/415/418/427/428/433/450 WITH POWER GOOD OUTPUT
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS281E – FEBRUARY 2000 – REVISED JULY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = –40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, CO = 10 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Adjustable
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
V
Adjustable
voltage
1.5 V
≤ VO ≤ 5.5 V
0.98VO
1.02VO
V
1 5 V Output
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
V
1.5-V Output
2.7 V < VIN < 10 V
1.470
1.530
V
1 6 V Output
TJ = 25°C,
2.7 V < VIN < 10 V
1.6
V
1.6-V Output
2.7 V < VIN < 10 V
1.568
1.632
V
1 8 V Output
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
Output voltage (see Notes 2 and 4)
1.8-V Output
2.8 V < VIN < 10 V
1.764
1.836
Output voltage (see Notes 2 and 4)
2 7 V Output
TJ = 25°C,
3.7 V < VIN < 10 V
2.7
2.7-V Output
3.7 V < VIN < 10 V
2.646
2.754
V
2 8 V Output
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
V
2.8-V Output
3.8 V < VIN < 10 V
2.744
2.856
3 3 V Output
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
3.3-V Output
4.3 V < VIN < 10 V
3.234
3.366
5 0 V Output
TJ = 25°C,
6.0 V < VIN < 10 V
5.0
V
5.0-V Output
6.0 V < VIN < 10 V
4.900
5.100
V
Quiescent current (GND current) (see Notes 2 and 4)
TJ = 25°C
92
A
Quiescent current (GND current) (see Notes 2 and 4)
125
µA
Output voltage line regulation (
∆V/V )(see Note 3)
VO + 1 V < VI ≤ 10 V, TJ = 25°C
0.005
%/V
Output voltage line regulation (
∆VO/VO)(see Note 3)
VO + 1 V < VI ≤ 10 V
0.05
%/V
Load regulation
TJ = 25°C
1
mV
Output noise voltage
BW = 300 Hz to 100 kHz, TJ = 25°C,
TPS77318, TPS77418
55
µVrms
Output current limit
VO = 0 V
0.9
1.3
A
Peak output current
2 ms pulse width,
50% duty cycle
400
mA
Thermal shutdown junction temperature
144
°C
Standby current
EN = VI,
TJ = 25°C
1
µA
Standby current
EN = VI
3
µA
FB input current
Adjustable
voltage
FB = 1.5 V
1
µA
High level enable input voltage
2
V
Low level enable input voltage
0.7
V
Enable input current
–1
1
µA
Power supply ripple rejection (TPS77318, TPS77418)
f = 1 kHz,
TJ = 25°C
55
dB
NOTES:
2. Minimum input operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum input voltage = 10 V, minimum output
current 1 mA.
3. If VO < 1.8 V then VI(max) = 10 V, VI(min) = 2.7 V:
Line regulation (mV)
+ % V
V
O
V
I(max) *
2.7 V
100
1000
If VO > 2.5 V then VI(max) = 10 V, VI(min) = VO + 1 V:
Line regulation (mV)
+ % V
V
O
V
I(max) *
V
O )
1
100
1000
4. IO = 1 mA to 250 mA


Número de pieza similar - TPS77301_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77301DGK TI-TPS77301DGK Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77301DGK TI-TPS77301DGK Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301DGK TI-TPS77301DGK Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301DGK TI1-TPS77301DGK Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
TPS77301DGKR TI-TPS77301DGKR Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Descripción similar - TPS77301_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI1-TPS77101_16 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com