Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS77301 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS77301
Descripción Electrónicos  250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77301 Datasheet(HTML) 5 Page - Texas Instruments

  TPS77301 Datasheet HTML 1Page - Texas Instruments TPS77301 Datasheet HTML 2Page - Texas Instruments TPS77301 Datasheet HTML 3Page - Texas Instruments TPS77301 Datasheet HTML 4Page - Texas Instruments TPS77301 Datasheet HTML 5Page - Texas Instruments TPS77301 Datasheet HTML 6Page - Texas Instruments TPS77301 Datasheet HTML 7Page - Texas Instruments TPS77301 Datasheet HTML 8Page - Texas Instruments TPS77301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS77301/315/316/318/327/328/333/350 WITH RESET OUTPUT
TPS77401/415/418/427/428/433/450 WITH POWER GOOD OUTPUT
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS281E – FEBRUARY 2000 – REVISED JULY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS774xx PG timing diagram
† Vres is the minimum input voltage for a valid PG. The symbol Vres is not currently listed within EIA or JEDEC standards for semiconductor
symbology.
VI
Vres†
t
t
t
VO
Threshold
Voltage
PG
Output
Output
Undefined
Output
Undefined
VIT +‡
VIT –‡
VIT –‡
VIT +‡
‡ VIT – Trip voltage is typically 18% lower than the output voltage (82%VO) VIT– to VIT+ is the hysteresis voltage.
Vres†


Número de pieza similar - TPS77301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77301DGK TI-TPS77301DGK Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77301DGK TI-TPS77301DGK Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301DGK TI-TPS77301DGK Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301DGK TI1-TPS77301DGK Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
More results

Descripción similar - TPS77301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI1-TPS77101_16 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com