Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS77350DGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS77350DGK
Descripción Electrónicos  250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77350DGK Datasheet(HTML) 1 Page - Texas Instruments

  TPS77350DGK Datasheet HTML 1Page - Texas Instruments TPS77350DGK Datasheet HTML 2Page - Texas Instruments TPS77350DGK Datasheet HTML 3Page - Texas Instruments TPS77350DGK Datasheet HTML 4Page - Texas Instruments TPS77350DGK Datasheet HTML 5Page - Texas Instruments TPS77350DGK Datasheet HTML 6Page - Texas Instruments TPS77350DGK Datasheet HTML 7Page - Texas Instruments TPS77350DGK Datasheet HTML 8Page - Texas Instruments TPS77350DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS77301/315/316/318/327/328/333/350 WITH RESET OUTPUT
TPS77401/415/418/427/428/433/450 WITH POWER GOOD OUTPUT
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS281E – FEBRUARY 2000 – REVISED JULY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Open Drain Power-On Reset With 220-ms
Delay (TPS773xx)
D Open Drain Power-Good (PG) Status
Output (TPS774xx)
D 250-mA Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.6-V (TPS77316 Only),
1.8-V, 2.7-V, 2.8-V, 3.3-V, 5.0-V Fixed Output
and Adjustable Versions
D Dropout Voltage Typically 200 mV
at 250 mA (TPS77333, TPS77433)
D Ultralow 92-µA Quiescent Current (Typ)
D 8-Pin MSOP (DGK) Package
D Low Noise (55 µVrms) Without an External
Filter (Bypass) Capacitor (TPS77318,
TPS77418)
D 2% Tolerance Over Specified Conditions
For Fixed-Output Versions
D Fast Transient Response
D Thermal Shutdown Protection
D See the TPS779xx Family of Devices for
Active High Enable
description
The TPS773xx and TPS774xx are low-dropout
regulators with integrated power-on reset and
power good (PG) function respectively. These
devices are capable of supplying 250 mA of output
current with a dropout of 200 mV (TPS77333,
TPS77433). Quiescent current is 92
µA at full load
dropping down to 1
µA when device is disabled.
These devices are optimized to be stable with a
wide range of output capacitors including low ESR
ceramic (10
µF) or low capacitance (1 µF)
tantalum capacitors. These devices have ex-
tremely low noise output performance (55
µVrms)
without
using
any
added
filter
capacitors.
TPS773xx and TPS774xx are designed to have
fast transient response for larger load current
changes.
The TPS773xx or TPS774xx is offered in 1.5-V, 1.6 V (TPS77316 only), 1.8-V, 2.7-V, 2.8-V, 3.3-V, and 5.0-V
fixed-voltage versions and in an adjustable version (programmable over the range of 1.5 V to 5.5 V). Output
voltage tolerance is 2% over line, load, and temperature ranges. The TPS773xx and TPS774xx families are
available in 8-pin MSOP (DGK) packages.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
–50
0
50
100
150
200
250
300
–40
0
40
80
120
160
TPS77x33
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
IO = 250 mA
IO = 10 mA
IO = 0 A
OUT
OUT
IN
IN
8
7
6
5
1
2
3
4
FB/SENSE
RESET
EN
GND
TPS773xx
DGK Package
(TOP VIEW)
OUT
OUT
IN
IN
8
7
6
5
1
2
3
4
FB/SENSE
PG
EN
GND
TPS774xx
DGK Package
(TOP VIEW)


Número de pieza similar - TPS77350DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77350DGK TI-TPS77350DGK Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350DGK TI-TPS77350DGK Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350DGKG4 TI-TPS77350DGKG4 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350DGKR TI-TPS77350DGKR Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350DGKRG4 TI-TPS77350DGKRG4 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Descripción similar - TPS77350DGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI1-TPS77101_16 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com