Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS77518-Q1 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS77518-Q1
Descripción Electrónicos  FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77518-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS77518-Q1 Datasheet HTML 3Page - Texas Instruments TPS77518-Q1 Datasheet HTML 4Page - Texas Instruments TPS77518-Q1 Datasheet HTML 5Page - Texas Instruments TPS77518-Q1 Datasheet HTML 6Page - Texas Instruments TPS77518-Q1 Datasheet HTML 7Page - Texas Instruments TPS77518-Q1 Datasheet HTML 8Page - Texas Instruments TPS77518-Q1 Datasheet HTML 9Page - Texas Instruments TPS77518-Q1 Datasheet HTML 10Page - Texas Instruments TPS77518-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TPS77501Q1, '515Q1, '516Q1, '518Q1, '525Q1, '533Q1 WITH RESET OUTPUT
TPS77601Q1, '77615Q1, '77618Q1, '77625Q1, '77628Q1, '77633Q1 WITH PG OUTPUT
FAST TRANSIENT RESPONSE 500mA LOW DROPOUT VOLTAGE REGULATORS
SGLS012B − MARCH 2003 − REVISED APRIL 2008
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS77501
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS77501
1.5 V
≤ VO ≤ 5.5 V,
TJ = −40°C to 125°C
0.98VO
1.02VO
TPS77601
1.2 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
V
TPS77601
1.2 V
≤ VO ≤ 5.5 V,
TJ = −40°C to 125°C
0.98VO
1.02VO
V
TPS77x15
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
TPS77x15
TJ = −40°C to 125°C, 2.7 V < VIN < 10 V
1.470
1.530
TPS77516
TJ = 25°C,
2.7 V < VIN < 10 V
1.6
V
Output voltage (10
µA to 500 mA
TPS77516
TJ = −40°C to 125°C, 2.7 V < VIN < 10 V
1.568
1.632
V
Output voltage (10
µA to 500 mA
load) (see Note 2)
TPS77x18
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
load) (see Note 2)
TPS77x18
TJ = −40°C to 125°C, 2.8 V < VIN < 10 V
1.764
1.836
TPS77x25
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
TPS77x25
TJ = −40°C to 125°C, 3.5 V < VIN < 10 V
2.450
2.550
V
TPS77628
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
V
TPS77628
TJ = −40°C to 125°C, 3.8 V < VIN < 10 V
2.744
2.856
TPS77x33
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS77x33
TJ = −40°C to 125°C, 4.3 V < VIN < 10 V
3.234
3.366
Quiescent current (GND current)
10
µA < IO < 500 mA, TJ = 25°C
85
A
Quiescent current (GND current)
EN = 0V, (see Note 2)
IO = 500 mA,
TJ = −40°C to 125°C
125
µA
Output voltage line regulation (
∆VO/VO)
(see Notes 2 and 3)
VO + 1 V < VI ≤ 10 V, TJ = 25°C
0.01
%/V
Load regulation
3
mV
Output noise voltage (TPS77x18)
BW = 200 Hz to 100 kHz, IC = 500 mA
Co = 10 µF,
TJ = 25°C
53
µVrms
Output current limit
VO = 0 V
1.7
2
A
Thermal shutdown junction temperature
150
°C
EN = VI,TJ = 25°C, 2.7 V < VI < 10 V
1
µA
Standby current
EN = VI,TJ = −40°C to 125°C
2.7 V < VI < 10 V
10
µA
FB input current
TPS77x01
FB = 1.5 V
2
nA
High level enable input voltage
1.7
V
Low level enable input voltage
0.9
V
Power supply ripple rejection (see Note 2)
f = 1 KHz,
Co = 10 µF, TJ = 25°C
60
dB
NOTES:
2. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10V.
3. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000


Número de pieza similar - TPS77518-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77518-Q1 TI1-TPS77518-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77518-Q1 TI1-TPS77518-Q1 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS77518-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77818DR TI-TPS77818DR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com