Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79301DBVRG4Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS79301DBVRG4Q1
Descripción Electrónicos  Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79301DBVRG4Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79301DBVRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS79301DBVRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS79301DBVRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS79301DBVRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS79301DBVRG4Q1 Datasheet HTML 9Page - Texas Instruments TPS79301DBVRG4Q1 Datasheet HTML 10Page - Texas Instruments TPS79301DBVRG4Q1 Datasheet HTML 11Page - Texas Instruments TPS79301DBVRG4Q1 Datasheet HTML 12Page - Texas Instruments TPS79301DBVRG4Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
0
50
100
150
200
2.5
3
3.5
4
4.5
5
VI − Input Voltage − V
IO = 200 mA
TJ = 25°C
TJ = −40°C
TJ = 125°C
100
50
0
20
40
60
80 100 120
150
200
250
140 160 180 200
0
IO − Output Current − mA
TJ = 125°C
TJ = 25°C
TJ = −55°C
t − Time − ms
0
0
150
100
50
200 250
350
300
400 450
20
0
−20
100
500
VI = 3.8 V
Co = 10 F
m
−40
200
300
di
dt
0.02A
ms
1mA
1s/div
VI
VO
VO = 3 V
RL = 15 W
t − Time − ms
0
30
20
10
40
50
70
60
80
90 100
IO = 200 mA
Co = 2.2 F
m
C(byp) = 0.01 F
m
0
-20
3.8
dv
dt
0.4 V
ms
20
4.8
3
t − Time − ms
0
60
40
20
80 100
140
120
160 180 200
VI = 3.8 V
VO = 2.8 V
IO = 200 mA
Co = 2.2 F
m
TJ = 25°C
1
2
0
0
2
C(byp) = 0.0047 F
m
C(byp) = 0.01 F
m
4
C(byp) = 0.001 F
m
9
TPS793-Q1
www.ti.com
SGLS162I – APRIL 2003 – REVISED MARCH 2016
Product Folder Links: TPS793-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. TPS79328-Q1 Output Voltage and Enable Voltage
vs Time (Start-Up)
Figure 14. TPS79328-Q1 Line Transient Response
Figure 15. TPS79328-Q1 Load Transient Response
Figure 16. Power Up and Power Down
Figure 17. Dropout Voltage vs Output Current
Figure 18. TPS79301-Q1 Dropout Voltage vs Input Voltage


Número de pieza similar - TPS79301DBVRG4Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79301DBVRG4Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com