Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79501DCQG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS79501DCQG4
Descripción Electrónicos  Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79501DCQG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79501DCQG4 Datasheet HTML 6Page - Texas Instruments TPS79501DCQG4 Datasheet HTML 7Page - Texas Instruments TPS79501DCQG4 Datasheet HTML 8Page - Texas Instruments TPS79501DCQG4 Datasheet HTML 9Page - Texas Instruments TPS79501DCQG4 Datasheet HTML 10Page - Texas Instruments TPS79501DCQG4 Datasheet HTML 11Page - Texas Instruments TPS79501DCQG4 Datasheet HTML 12Page - Texas Instruments TPS79501DCQG4 Datasheet HTML 13Page - Texas Instruments TPS79501DCQG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Current
Sense
Thermal
Shutdown
UVLO
UVLO
R
1
R
2
R
2 = 40 kW
Overshoot
Detect
250 kW
Quickstart
Bandgap
Reference
1.225 V
IN
V
IN
EN
GND
NR
OUT
300 W
V
REF
ILIM
SHUTDOWN
Current
Sense
Thermal
Shutdown
UVLO
UVLO
R
1
FB
R
2
External to
the Device
Overshoot
Detect
250 kW
Quickstart
Bandgap
Reference
1.225 V
IN
V
IN
EN
GND
OUT
300 W
V
REF
ILIM
SHUTDOWN
TPS795
SLVS350I – OCTOBER 2002 – REVISED MAY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPS795 family of LDO regulators combines the high performance required of many RF and precision analog
applications with low current consumption. High PSRR is provided by a high-gain, high-bandwidth error loop with
good supply rejection at very low headroom (VIN – VOUT). A noise-reduction pin is provided to bypass noise
generated by the band-gap reference and to improve PSRR, while a quick-start circuit quickly charges this
capacitor at start-up. All versions have thermal and overcurrent protection, and are fully specified from –40°C to
125°C.
7.2 Functional Block Diagrams
Figure 23. Functional Block Diagram—Adjustable Version
Figure 24. Functional Block Diagram—Fixed Versions
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS795


Número de pieza similar - TPS79501DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79501DCQG4 TI-TPS79501DCQG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79501DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com