Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79425DGNTG4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS79425DGNTG4
Descripción Electrónicos  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79425DGNTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79425DGNTG4 Datasheet HTML 5Page - Texas Instruments TPS79425DGNTG4 Datasheet HTML 6Page - Texas Instruments TPS79425DGNTG4 Datasheet HTML 7Page - Texas Instruments TPS79425DGNTG4 Datasheet HTML 8Page - Texas Instruments TPS79425DGNTG4 Datasheet HTML 9Page - Texas Instruments TPS79425DGNTG4 Datasheet HTML 10Page - Texas Instruments TPS79425DGNTG4 Datasheet HTML 11Page - Texas Instruments TPS79425DGNTG4 Datasheet HTML 12Page - Texas Instruments TPS79425DGNTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
PROGRAMMING THE TPS79401
C
1
+
(3
10*7)
(R
1
) R2)
(R
1
R
2)
(3)
V
OUT + VREF
1 )
R
1
R
2
(1)
REGULATOR PROTECTION
R
1
+
V
OUT
V
REF
* 1
R
2
(2)
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
C1
1.8 V
3.6 V
14.0 k
61.9 k
30.1 k
30.1 k
22 pF
15 pF
TPS79401
GND
FB
IN
OUT
EN
V
IN
V
OUT
1
µF
2.2
µF
R1
R2
C1
TPS794xx
SLVS349E – NOVEMBER 2001 – REVISED DECEMBER 2005
In order to improve the stability of the adjustable
ADJUSTABLE LDO REGULATOR
version, it is suggested that a small compensation
capacitor be placed between OUT and FB.
The output voltage of the TPS79401 adjustable
regulator is programmed using an external resistor
The approximate value of this capacitor can be
divider as shown in Figure 23. The output voltage is
calculated as Equation 3:
calculated using Equation 1:
The suggested value of this capacitor for several
resistor ratios is shown in the table within Figure 23.
where:
If this capacitor is not used (such as in a unity-gain
• V
REF
= 1.2246 V typ (the internal reference
configuration), then the minimum recommended
voltage)
output capacitor is 2.2
µF instead of 1 µF.
Resistors
R1 and R2 should be chosen for
approximately 40-
µA divider current. Lower value
resistors
can
be
used
for
improved
noise
The TPS794xx PMOS-pass transistor has a built-in
performance, but the device wastes more power.
back diode that conducts reverse current when the
Higher values should be avoided, as leakage current
input voltage drops below the output voltage (for
at FB increases the output voltage error.
example, during power down). Current is conducted
from the output to the input and is not internally
The recommended design procedure is to choose
limited. If extended reverse voltage operation is
R2 = 30.1 kΩ to set the divider current at 40 µA,
anticipated, external limiting might be appropriate.
C1 = 15 pF for stability, and then calculate R1 using
Equation 2:
The TPS794xx features internal current limiting and
thermal protection. During normal operation, the
TPS794xx limits output current to approximately
2.8 A. When current limiting engages, the output
voltage scales back linearly until the overcurrent
condition ends. While current limiting is designed to
prevent gross device failure, care should be taken
not to exceed the power dissipation ratings of the
package. If the temperature of the device exceeds
approximately
165
°C, thermal-protection circuitry
shuts it down. Once the device has cooled down to
below
approximately
140
°C, regulator operation
resumes.
Figure 23. TPS79401 Adjustable LDO Regulator Programming
9
Submit Documentation Feedback


Número de pieza similar - TPS79425DGNTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79425DGNT TI-TPS79425DGNT Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79425DGNTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com