Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79525DCQG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS79525DCQG4
Descripción Electrónicos  Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79525DCQG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS79525DCQG4 Datasheet HTML 1Page - Texas Instruments TPS79525DCQG4 Datasheet HTML 2Page - Texas Instruments TPS79525DCQG4 Datasheet HTML 3Page - Texas Instruments TPS79525DCQG4 Datasheet HTML 4Page - Texas Instruments TPS79525DCQG4 Datasheet HTML 5Page - Texas Instruments TPS79525DCQG4 Datasheet HTML 6Page - Texas Instruments TPS79525DCQG4 Datasheet HTML 7Page - Texas Instruments TPS79525DCQG4 Datasheet HTML 8Page - Texas Instruments TPS79525DCQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS795
www.ti.com
SLVS350I – OCTOBER 2002 – REVISED MAY 2015
6.5 Electrical Characteristics
Over recommended operating temperature range (TJ = –40°C to 125°C), VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1 mA,
COUT = 10 μF, CNR = 0.01 μF, unless otherwise noted. Typical values are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage(1)
2.7
5.5
V
VFB
Internal reference (TPS79501)
1.200
1.225
1.25
V
IOUT
Continuous output current
0
500
mA
Output voltage range
TPS79501
1.225
5.5 – VDO
V
0
μA ≤ IOUT ≤ 500 mA,
TPS79501(2)
0.98VOUT(nom)
VOUT(nom)
1.02VOUT(nom)
V
VOUT
VOUT(nom) + 1 V ≤ VIN ≤ 5.5 V
(1)
Accuracy
0
μA ≤ IOUT ≤ 500 mA,
Fixed VOUT < 5 V
–2%
2%
VOUT(nom) + 1 V ≤ VIN ≤ 5.5 V
(1)
ΔVO(ΔVI)
Line regulation(1)
VOUT + 1 V ≤ VIN ≤ 5.5 V
0.05
0.12
%/V
ΔVO(ΔIO)
Load regulation
0
μA ≤ IOUT ≤ 500 mA
3
mV
TPS79530
IOUT = 500 mA
110
170
Dropout voltage(3)
VDO
mV
(VIN = VOUT(nom) – 0.1 V)
TPS79533
IOUT = 500 mA
105
160
ICL
Output current limit
VOUT = 0 V
2.4
2.8
4.2
A
IGND
Ground pin current
0
μA ≤ IOUT ≤ 500 mA
265
385
μA
ISHDN
Shutdown current(4)
VEN = 0 V, 2.7 V ≤ VIN ≤ 5.5 V
0.07
1
μA
IFB
Feedback pin current
VFB = 1.225 V
1
µA
f = 100 Hz, IOUT = 10 mA
59
f = 100 Hz, IOUT = 500 mA
58
PSRR
Power-supply rejection ratio (TPS79530)
dB
f = 10 kHz, IOUT = 500 mA
50
f = 100 kHz, IOUT = 500 mA
39
CNR = 0.001 μF
46
BW = 100 Hz to
CNR = 0.0047 µF
41
Vn
Output noise voltage (TPS79530)
100 kHz,
μVRMS
CNR = 0.01 μF
35
IOUT = 500 mA
CNR = 0.1 μF
33
CNR = 0.001 μF
50
Start-up time (TPS79530)
RL = 6 Ω, COUT = 1 µF
CNR = 0.0047 μF
75
μs
CNR = 0.01 μF
110
VEN(HI)
Enable high (enabled)
2.7 V
≤ VIN ≤ 5.5 V
1.7
VIN
V
VEN(LO)
Enable low (shutdown)
2.7 V
≤ VIN ≤ 5.5 V
0.7
V
IEN(HI)
Enable pin current, enabled
VEN = 0 V
–1
1
μA
Undervoltage lockout
VCC rising
2.25
2.65
V
UVLO
Hysteresis
100
mV
Shutdown, temperature increasing
165
Tsd
Thermal shutdown temperature
°C
Reset, temperature decreasing
140
TJ
Operating junction temperature
–40
125
°C
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
Tolerance of external resistors not included in this specification.
(3)
Dropout is not measured for the TPS79501 and TPS79525 because minimum VIN = 2.7 V.
(4)
For adjustable version, this applies only after VIN is applied; then VEN transitions high to low.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS795


Número de pieza similar - TPS79525DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79525DCQG4 TI-TPS79525DCQG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79525DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com