Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79530DCQG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS79530DCQG4
Descripción Electrónicos  Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79530DCQG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79530DCQG4 Datasheet HTML 1Page - Texas Instruments TPS79530DCQG4 Datasheet HTML 2Page - Texas Instruments TPS79530DCQG4 Datasheet HTML 3Page - Texas Instruments TPS79530DCQG4 Datasheet HTML 4Page - Texas Instruments TPS79530DCQG4 Datasheet HTML 5Page - Texas Instruments TPS79530DCQG4 Datasheet HTML 6Page - Texas Instruments TPS79530DCQG4 Datasheet HTML 7Page - Texas Instruments TPS79530DCQG4 Datasheet HTML 8Page - Texas Instruments TPS79530DCQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Frequency (Hz)
0
0.1
0.2
0.3
0.4
0.5
100
1 k
10 k
100 k
IOUT = 1 mA
VIN = 5.5 V
COUT = 2.2 F
m
CNR = 0.1 F
m
IOUT = 0.5 A
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M
10 M
VIN = 4 V
COUT = 10 F
m
CNR = 0.01 F
m
IOUT = 1 mA
IOUT = 500 mA
Frequency (Hz)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS795
SLVS350I – OCTOBER 2002 – REVISED MAY 2015
TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
1 Features
3 Description
The TPS795 family of low-dropout (LDO), low-power
1
500-mA Low-Dropout Regulator With Enable
linear voltage regulators features high power-supply
Available in Fixed and Adjustable (1.2-V to 5.5-V)
rejection ratio (PSRR), ultralow noise, fast start-up,
Versions
and excellent line and load transient responses in
High PSRR (50 dB at 10 kHz)
small outline, 6-pin SOT-223 and 3-mm × 3-mm
WSON packages. Each device in the family is stable
Ultralow Noise (33
μVRMS, TPS79530)
with a small 1-
μF ceramic capacitor on the output.
Fast Start-Up Time (50
μs)
The family uses an advanced, proprietary BiCMOS
Stable With a 1-
μF Ceramic Capacitor
fabrication process to yield extremely low dropout
voltages (for example, 110 mV at 500 mA). Each
Excellent Load and Line Transient Response
device achieves fast start-up times (approximately
Low Dropout Voltage (110 mV at Full Load,
50
μs with a 0.001-μF bypass capacitor) while
TPS79530)
consuming very low quiescent current (265
μA,
6-Pin SOT-223 and 3-mm × 3-mm WSON
typical). Moreover, when the device is placed in
Packages
standby mode, the supply current is reduced to less
than
1
μA.
The
TPS79530
device
exhibits
approximately 33
μVRMS of output voltage noise at 3-
2 Applications
V output with a 0.1-
μF bypass capacitor. Applications
RF: VCOs, Receivers, ADCs
with analog components that are noise-sensitive,
Audio
such as portable RF electronics, benefit from the
high-PSRR and low-noise features, as well as from
Bluetooth®, Wireless LAN
the fast response time.
Cellular and Cordless Telephones
Handheld Organizers, PDAs
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-223 (6)
6.50 mm × 3.50 mm
TPS795
WSON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
TPS79530 Ripple Rejection vs Frequency
TPS79530 vs Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS79530DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79530DCQG4 TI-TPS79530DCQG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79530DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com