Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79533DCQG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS79533DCQG4
Descripción Electrónicos  Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79533DCQG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79533DCQG4 Datasheet HTML 4Page - Texas Instruments TPS79533DCQG4 Datasheet HTML 5Page - Texas Instruments TPS79533DCQG4 Datasheet HTML 6Page - Texas Instruments TPS79533DCQG4 Datasheet HTML 7Page - Texas Instruments TPS79533DCQG4 Datasheet HTML 8Page - Texas Instruments TPS79533DCQG4 Datasheet HTML 9Page - Texas Instruments TPS79533DCQG4 Datasheet HTML 10Page - Texas Instruments TPS79533DCQG4 Datasheet HTML 11Page - Texas Instruments TPS79533DCQG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Time (ms)
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VIN
VOUT
VOUT = 2.5 V,
RL = 10 W
400
0
800
1200
1600
2000
0
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
TJ = 125 C
°
TJ = 25 C
°
TJ = −40 C
°
IOUT (mA)
3
4
5
0
50
100
150
200
−10
0
10
20
30
t (ms)
COUT = 10 F
m , CNR = 0.01
F,
m
IOUT = 0.5 A, dv/dt = 1 V/ s
m
−20
−0.5
0
0.5
0
200
400
600
800
1000
−40
−20
0
40
t (ms)
COUT = 10 F
m , CNR = 0.01
F,
m
VL = 3.8 V, dv/dt = 0.5 A/ s
m
20
−60
60
0
0.25
0.50
0.75
1
1.25
1.50
1.75
2
2.75
3
0
100
200
300
400
600
Enable
t (ms)
VIN = 4 V
COUT = 10 F
m
IOUT = 0.5 A
CNR = 0.01 F
m
CNR = 0.001 F
m
CNR = 0.0047 F
m
500
2.25
2.50
2
3
4
0
50
100
150
200
−20
−10
0
10
20
t (ms)
COUT = 10 F
m , CNR = 0.01
F,
m
IOUT = 0.5 A, dv/dt = 1 V/ s
m
TPS795
SLVS350I – OCTOBER 2002 – REVISED MAY 2015
www.ti.com
Typical Characteristics (continued)
At VEN = VIN, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, COUT = 10 μF, CNR = 0.01 μF, CIN = 2.2 μF, and TJ = 25°C, unless otherwise
noted.
Figure 14. TPS79518 Line Transient Response
Figure 13. TPS79530 Start-Up Time
Figure 16. TPS79530 Load Transient Response
Figure 15. TPS79530 Line Transient Response
Figure 17. TPS79525 Power Up and Power Down
Figure 18. TPS79530 Dropout Voltage vs Output Current
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS795


Número de pieza similar - TPS79533DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79533DCQG4 TI-TPS79533DCQG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79533DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com