Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79333-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS79333-EP
Descripción Electrónicos  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79333-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79333-EP Datasheet HTML 6Page - Texas Instruments TPS79333-EP Datasheet HTML 7Page - Texas Instruments TPS79333-EP Datasheet HTML 8Page - Texas Instruments TPS79333-EP Datasheet HTML 9Page - Texas Instruments TPS79333-EP Datasheet HTML 10Page - Texas Instruments TPS79333-EP Datasheet HTML 11Page - Texas Instruments TPS79333-EP Datasheet HTML 12Page - Texas Instruments TPS79333-EP Datasheet HTML 13Page - Texas Instruments TPS79333-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
0.1
µF
BYPASS
OUT
1
3
IN
EN
GND
2
4
5
VI
VO
2.2
µF
+
TPS793xx
0.01
µF
External Capacitor Requirements
Board Layout Recommendation to Improve PSRR and Noise Performance
TPS79301-EP,, TPS79318-EP,, TPS79325-EP,, TPS79328-EP
TPS793285-EP, TPS79330-EP, TPS79333-EP, TPS793475-EP
SGLS163B – APRIL 2003 – REVISED NOVEMBER 2006
The TPS793xx family of low-dropout (LDO) regulators has been optimized for use in noise-sensitive
battery-operated equipment. The device features extremely low dropout voltages, high PSRR, ultralow output
noise, low quiescent current (170
µA typically), and enable-input to reduce supply currents to less than 1 µA
when the regulator is turned off.
A typical application circuit is shown in Figure 22.
Figure 22. Typical Application Circuit
A 0.1-
µF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
TPS793xx, is required for stability and improves transient response, noise rejection, and ripple rejection. A
higher-value electrolytic input capacitor may be necessary if large, fast-rise-time load transients are anticipated
and the device is located several inches from the power source.
Like all LDOs, the TPS793xx requires an output capacitor connected between OUT and GND to stabilize the
internal control loop. The minimum recommended capacitance is 2.2-
µF. Any 2.2-µF or larger ceramic capacitor
is suitable, provided the capacitance does not vary significantly over temperature.
The internal voltage reference is a key source of noise in an LDO regulator. The TPS793xx has a BYPASS pin
that is connected to the voltage reference through a 250-k
Ω internal resistor. The 250-kΩ internal resistor, in
conjunction with an external bypass capacitor connected to the BYPASS pin, creates a low pass filter to reduce
the voltage reference noise and, therefore, the noise at the regulator output. In order for the regulator to operate
properly, the current flow out of the BYPASS pin must be at a minimum, because any leakage current creates
an IR drop across the internal resistor, thus, creating an output error. Therefore, the bypass capacitor must have
minimal leakage current.
For example, the TPS79328 exhibits only 32
µV
RMS of output voltage noise using a 0.1-µF ceramic bypass
capacitor and a 2.2-
µF ceramic output capacitor. Note that the output starts up slower as the bypass
capacitance increases due to the RC time constant at the BYPASS pin that is created by the internal 250-k
resistor and external capacitor.
To improve ac measurements like PSRR, output noise, and transient response, it is recommended that the
board be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the
GND pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the
GND pin of the device.
10
Submit Documentation Feedback


Número de pieza similar - TPS79333-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79333-Q1 TI-TPS79333-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79333-Q1 TI-TPS79333-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79333-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com