Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS826765SIPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS826765SIPR
Descripción Electrónicos  600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS826765SIPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS826765SIPR Datasheet HTML 22Page - Texas Instruments TPS826765SIPR Datasheet HTML 23Page - Texas Instruments TPS826765SIPR Datasheet HTML 24Page - Texas Instruments TPS826765SIPR Datasheet HTML 25Page - Texas Instruments TPS826765SIPR Datasheet HTML 26Page - Texas Instruments TPS826765SIPR Datasheet HTML 27Page - Texas Instruments TPS826765SIPR Datasheet HTML 28Page - Texas Instruments TPS826765SIPR Datasheet HTML 29Page - Texas Instruments TPS826765SIPR Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS826711SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS826716SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS82671SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS826721SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS82672SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS82673SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS826745SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS82674SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS82675SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS826765SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
TPS82676SIPR
uSiP
SIP
8
3000
178.0
9.0
2.45
3.05
1.1
4.0
8.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Sep-2016
Pack Materials-Page 1


Número de pieza similar - TPS826765SIPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS826765SIPR TI-TPS826765SIPR Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS826765SIPR TI1-TPS826765SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Descripción similar - TPS826765SIPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com