Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS92410DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS92410DR
Descripción  Switch-Controlled, Direct Drive, Linear Controller for Offline LED Drivers
Descarga  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS92410DR Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TSNS Voltage (V)
C011
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TSNS Voltage (V)
C012
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ADIM Voltage (V)
C005
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ADIM Voltage (V)
C010
55
56
57
58
59
60
85
95
105
115
125
135
Input Voltage (VAC)
C004
45
47
49
51
53
55
190
200
210
220
230
240
250
260
Input Voltage (VAC)
C009
TPS92410
www.ti.com
SLUSBW9 – MAY 2014
6.6 Typical Characteristics
Unless otherwise stated, –40°C
≤ TA = TJ ≤ +125°C. All characterization circuits are fully EMI compliant and phase dimmable.
230 VAC
11.2 W Input
Top stack = 160 V
120VAC
6.8 W Input
Top stack = 80 V
Middle stack = 80 V
Bottom stack= 40 V
VADIM = 1.5 V
Middle stack = 40 V
Bottom stack= 20 V
VADIM = 1.5 V
Figure 2. System Input Current vs Input Voltage
Figure 1. System Input Current vs Input Voltage
230 VAC
11.2 W Input
Top stack = 160 V
120VAC
6.8 W Input
Top stack = 80 V
Middle stack = 80 V
Bottom stack= 40 V
Middle stack = 40 V
Bottom stack= 20 V
Figure 4. System Input Current vs ADIM Voltage
Figure 3. System Input Current vs ADIM Voltage
120VAC
6.8 W Input
Top stack = 80 V
230 VAC
11. W Input
Top stack = 160 V
Middle stack = 40 V
Bottom stack= 20 V
VADIM = 1.5 V
Middle stack = 80 V
Bottom stack= 40 V
VADIM = 1.5 V
Figure 5. System Input Current vs TSNS Voltage
Figure 6. System Input Current vs TSNS Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS92410


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn