Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92513 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS92513
Descripción Electrónicos  1.5A Buck LED Driver with Integrated Analog Current Adjust
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92513 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS92513 Datasheet HTML 4Page - Texas Instruments TPS92513 Datasheet HTML 5Page - Texas Instruments TPS92513 Datasheet HTML 6Page - Texas Instruments TPS92513 Datasheet HTML 7Page - Texas Instruments TPS92513 Datasheet HTML 8Page - Texas Instruments TPS92513 Datasheet HTML 9Page - Texas Instruments TPS92513 Datasheet HTML 10Page - Texas Instruments TPS92513 Datasheet HTML 11Page - Texas Instruments TPS92513 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Junction Temperature (GC)
-40
-20
0
20
40
60
80
100
120
140
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
D001
Input Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D001
Junction Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
140
160
180
200
220
240
260
280
300
320
340
D001
Junction Temperature (GC)
-40
-20
0
20
40
60
80
100
120
140
160
290
292.5
295
297.5
300
302.5
305
307.5
310
D001
TPS92513, TPS92513HV
SLVSCX6 – APRIL 2015
www.ti.com
Typical Characteristics (continued)
VIN = 24V, Unless otherwise specified
VIN = 12 V
VIADJ = 1.8 V
Figure 7. PH Switch RDS(on) vs Junction Temperature
Figure 8. VISENSE vs Junction Temperature
VVIN = 12 V
TJ = 25°C
Figure 9. Shutdown Input Current vs Junction Temperature
Figure 10. Shutdown Input Current vs Input Voltage
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS92513 TPS92513HV


Número de pieza similar - TPS92513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results

Descripción similar - TPS92513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92512 TI1-TPS92512 Datasheet
1Mb / 30P
[Old version datasheet]   2.5A Buck LED Driver with Integrated Analog Current Adjust
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
   40V 1.5A BUCK LED DRIVER
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com