Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92601-Q1 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS92601-Q1
Descripción Electrónicos  Single- and Dual-Channel Automotive Headlight LED Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92601-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92601-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS92601-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS92601-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS92601-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS92601-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS92601-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS92601-Q1_16 Datasheet HTML 9Page - Texas Instruments TPS92601-Q1_16 Datasheet HTML 10Page - Texas Instruments TPS92601-Q1_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
TPS92601-Q1, TPS92602-Q1, TPS92601A-Q1, TPS92602A-Q1
www.ti.com
SLUSBP5D – MARCH 2014 – REVISED JANUARY 2015
Electrical Characteristics (continued)
TJ = –40°C to 150°C, VVDD = 12 VDC, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH-SIDE CURRENT-SENSE ERROR AMPLIFIER VFBx < 2.1 V
V(SPSN,Com)
Common-mode voltage ISPx, ISNx
4
74
V
4 V < V(SPSN_Com) < 75 V, VFBx < 2.1 V,
150
mV
TPS92601-Q1, TPS92602-Q1
V(SPSN_Diff)
Full-scale sense voltage ISPx – ISNx
4 V < V(SPSN_Com) < 75 V, VFBx < 2.1 V,
300
mV
TPS92601A-Q1, TPS92602A-Q1
V(SPSN_AC)
Sense-voltage accuracy
Common-mode voltage 4 V to 75 V
–6
6
mV
I(BIAS_SPSN)
Input bias current ISPx, ISNx
4 V < V(SPSN_Com) < 75 V, V(SPSN_Diff) = 150 mV
40
µA
TPS92601-1, TPS92602-Q1, 4 V < V(SPSN_Com) <
100
135
µA
75 V, V(SPSN_Diff) = 150 mV
I(offset_SPSN)
Input offset current ISPx, ISNx
TPS92601A-Q1, TPS92602A-Q1, 4 V <
175
200
µA
V(SPSN_Com) < 75 V, V(SPSN_Diff) = 300 mV
gMC
Forward transconductance
1
mS
TPS92601-Q1, TPS92602-Q1
5
V/V
A(HSCS)
HS current-sense gain
TPS92601A-Q1, TPS92602A-Q1
2.5
V/V
CURRENT CONTROL ICTRL – ANALOG DIMMING FOR ALL PARAMETERS: VFBx < 2.1 V
I(DIM_LIN)
Linear analog dimming range
10%
100%
TPS92601-Q1, TPS92602-Q1, TA = 25ºC
(1)
9.7
10
10.3
TPS92601-Q1, TPS92602-Q1, TA = 125ºC
(1)
9.5
10
10.5
K(DIMfactor)
Dimming factor, V(ICTRL) / V(SNSPx)
TPS92601A-Q1, TPS92602A-Q1, TA = 25ºC
(1)
4.85
5
5.15
TPS92601A-Q1, TPS92602A-Q1, TA = 125ºC
(1)
4.75
5
5.25
V(ICTRLx)
Adjustable voltage range
See Figure 12
0
1.5
V
R(ICTRLpd)
Pulldown resistance at ICTRLx pin
0.75
1
1.2
M
Ω
ERROR AMPLIFIER - REFERENCE VOLTAGE
V(VFB)
Voltage feedback
2.2
V
ΔV(VFB)
Voltage FB accuracy
–5%
5%
I(BIAS)
Input bias current
VFB = 2.2 V
500
nA
g(Mv)
Forward transconductance
1
mS
INTERNAL SOFT-START
t(softstart)
Soft-start time, internal soft-start
COMP 0 V to 1.5 V
3.5
ms
DIAGNOSIS – DIAGx PIN
TPS92601-Q1, TPS92602-Q1
10
mV
V(OPLED)
Open LED failure
TPS92601A-Q1, TPS92602A-Q1
20
mV
V(DIAG_OP)
Low-level voltage, DIAGx pin
DIAGx pin pulled low, I(DIAGx) = 100 µA
0.15
V
TPS92601-Q1, TPS92602-Q1
225
mV
V(SHLED)
Shorted LED failure
TPS92601A-Q1, TPS92602A-Q1
450
mV
V(DIAG_SH)
High-level voltage, DIAGx pin
DIAGx pin pulled high, I(DIAGx) = 100 µA
3
3.47
V
V(ILED1)
0.2
2.85
Range for tracking LED current on DIAGx
Voltage range on DIAGx pin (VIN > 6 V)
V
pin
V(ILED2)
0.2
2.85
V(DIAG_AC)
Offset of DIAG output buffer
At input of DIAG buffer
–12
12
mV
Within linear analog dimming range and DIAG
tracking range. Exclusive offset V(DIAG_AC),
12.5
TPS92601-Q1, TPS92602-Q1
K(DIAG_factor)
Factor V(DIAG) / V(SPSN)
Within linear analog dimming range and DIAG
tracking range. Exclusive offset V(DIAG_AC),
6.25
TPS92601A-Q1, TPS92602A-Q1
COMPENSATION NETWORK – COMPx PIN
V(COMPx)
Compensation-network output-pin voltage
0
3.3
V
THERMAL SHUTDOWN
T(SD)
Thermal shutdown
165
°C
T(HYS)
Hysteresis
20
°C
(1)
Within linear analog dimming range (10%–100%). Exclusive offset V(SPSN_AC) = 6 mV
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS92601-Q1 TPS92602-Q1 TPS92601A-Q1 TPS92602A-Q1


Número de pieza similar - TPS92601-Q1_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92601-Q1 TI-TPS92601-Q1_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
More results

Descripción similar - TPS92601-Q1_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI-TPS92601-Q1_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   Automotive Single-Channel LED Driver
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
   LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
   LED Headlight
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com