Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS92601-Q1 Datasheet(PDF) 9 Page - Texas Instruments

No. de Pieza. TPS92601-Q1
Descripción  Single- and Dual-Channel Automotive Headlight LED Driver
Descarga  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS92601-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
585
587
589
591
593
595
597
599
601
603
605
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Ambient Temperature (
ƒC)
C007
495
496
497
498
499
500
501
502
503
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Ambient Temperature (
ƒC)
CH1
CH2
C008
TPS92601-Q1, TPS92602-Q1, TPS92601A-Q1, TPS92602A-Q1
www.ti.com
SLUSBP5D – MARCH 2014 – REVISED JANUARY 2015
Typical Characteristics (continued)
Load is eight LEDs per channel at 500 mA, –40ºC
≤ TA ≤ 125ºC, –40ºC ≤ TJ ≤ 150ºC, C(COMP) = 0.22 µF, unless otherwise
noted.
R(RT) = 20 kΩ
Figure 7. Switching Frequency vs Ambient Temperature
Figure 8. V(ISPx – ISNx) vs Ambient Temperature
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS92601-Q1 TPS92602-Q1 TPS92601A-Q1 TPS92602A-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn