Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADQ600-48S12B-6L Datasheet(PDF) 2 Page - Artesyn Technologies

No. de pieza ADQ600-48S12B-6L
Descripción Electrónicos  Total Power: 600 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARTESYN [Artesyn Technologies]
Página de inicio  
Logo ARTESYN - Artesyn Technologies

ADQ600-48S12B-6L Datasheet(HTML) 2 Page - Artesyn Technologies

  ADQ600-48S12B-6L Datasheet HTML 1Page - Artesyn Technologies ADQ600-48S12B-6L Datasheet HTML 2Page - Artesyn Technologies ADQ600-48S12B-6L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADQ600 Series Data Sheet
Ordering Information
Model number
Input voltage
Output voltage
Power
ADQ600-48S12-6L
40 - 60 V
12 V @ 50 A
600 W
ADQ600-48S12B-6L
40 - 60 V
12 V @ 50 A
600 W
- Standard version is negative enable
- “-6” = 3.8 mm pin length
- “-L” = RoHS 6 compliance
- “B” = Baseplate
Environmental Specifications
Operating ambient temperature range
-40° C to +85 °C
Storage temperature
-55 °C to +125 °C
Humidity
5% to 95% (non-condensing)
MTBF
1.5 Million hours
RoHS Compliant
Mechanical Drawings
Baseplate Module:
Open Frame Module:


Número de pieza similar - ADQ600-48S12B-6L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Energy Industr...
ADQ600 ADVANCEDENERGY-ADQ600 Datasheet
566Kb / 4P
   600 Watts
ADQ600B ADVANCEDENERGY-ADQ600B Datasheet
452Kb / 5P
   600 Watt Quarter Brick DC-DC Converter
More results

Descripción similar - ADQ600-48S12B-6L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AIF120Y300 ARTESYN-AIF120Y300 Datasheet
523Kb / 3P
   Total Power: 600 Watts
AGF600-48S28-6L ARTESYN-AGF600-48S28-6L Datasheet
547Kb / 3P
   Total Power: 600 Watts
AVE600-48S12B-4L ARTESYN-AVE600-48S12B-4L Datasheet
1Mb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com