Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC75806PT Datasheet(PDF) 11 Page - ON Semiconductor |
|
LC75806PT Datasheet(HTML) 11 Page - ON Semiconductor |
11 / 35 page LC75806PT No.A1425-11/35 (2) When CL is stopped at the high level Note: B0 to B3, A0 to A3 ········· CCB address DD ································· Direction data • CCB address ···············“42H” • D1 to D231 ·················Display data • OC ······························RC oscillator operating mode/external clock operationg mode switching control data • PC90, PC91·················General-purpose output port/clock output port/segment output port switching control data • S0, S1··························Sleep control data • K0, K1 ························Key scan output/segment output switching control data • P0 to P3·······················Segment output port/general-purpose output port switching control data • SC·······························Segment on/off control data • KSC ····························Key scan operation enabled/disabled state setting control data • FC0 to FC2 ·················Common and segment output waveform frame frequency control data • CT0 to CT2 ·················Display contrast setting control data B1 B0 D2 D1 1 0 D74 S1 DI CL CE 0 0 0 D77 1 0 0 B3 B2 A1 A0 A3 A2 D75 0 D78 0 KSC SC P3 P2 0 0 1 P1 K0 K1 P0 D76 D71 D72 D73 S0 PC91 PC90 OC DO B1 B0 D80 D79 1 0 0 0 0 1 0 0 B3 B2 A1 A0 A3 A2 CT2 CT1 CT0 FC2 1 0 1 FC1 FC0 0 0 0 0 0 0 0 0 0 0 0 0 D153 D152 D151 D150 D149 B1 B0 1 0 0 0 0 1 0 0 B3 B2 A1 A0 A3 A2 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 D231 D230 D229 D228 D227 D226 D225 D224 D155 D154 Control data (18 bits) DD (3 bits) Control data (15 bits) Display data (78 bits) DD (3 bits) Display data (75 bits) Fixed data (15 bits) DD (3 bits) Display data (78 bits) |
Número de pieza similar - LC75806PT |
|
Descripción similar - LC75806PT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |