Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75806PT Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LC75806PT
Descripción Electrónicos  1/4 and 1/3-Duty LCD Display Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75806PT Datasheet(HTML) 2 Page - ON Semiconductor

  LC75806PT Datasheet HTML 1Page - ON Semiconductor LC75806PT Datasheet HTML 2Page - ON Semiconductor LC75806PT Datasheet HTML 3Page - ON Semiconductor LC75806PT Datasheet HTML 4Page - ON Semiconductor LC75806PT Datasheet HTML 5Page - ON Semiconductor LC75806PT Datasheet HTML 6Page - ON Semiconductor LC75806PT Datasheet HTML 7Page - ON Semiconductor LC75806PT Datasheet HTML 8Page - ON Semiconductor LC75806PT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LC75806PT
No.A1425-2/35
Specifications
Absolute Maximum Ratings
at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
-0.3 to +7.0
V
VIN1
CE, CL, DI, RES
-0.3 to +7.0
Input voltage
VIN2
OSC, TEST, VDD1, VDD2, KI1 to KI5
-0.3 to VDD+0.3
V
VOUT1
DO
-0.3 to +7.0
Output voltage
VOUT2
OSC, S1 to S77, COM1 to COM4, KS1 to KS6, P1 to P9
-0.3 to VDD+0.3
V
IOUT1
S1 to S77
300
μA
IOUT2
COM1 to COM4
3
IOUT3
KS1 to KS6
1
Output current
IOUT4
P1 to P9
5
mA
Allowable power dissipation
Pd max
Ta=85
°C
200
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges
at Ta = -40 to +85
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
4.5
6.0
V
VDD1
VDD1
2/3VDD0
VDD0
Input voltage
*1
VDD2
VDD2
1/3VDD0
VDD0
V
VIH1
CE, CL, DI, RES
0.4VDD
6.0
VIH2
KI1 to KI5
0.6VDD
VDD
Input high level voltage
VIH3
OSC: External clock operating mode
0.4VDD
VDD
V
VIL1
CE, CL, DI, RES
0
0.2VDD
VIL2
KI1 to KI5
0
0.2VDD
Input low level voltage
VIL3
OSC: External clock operating mode
0
0.2VDD
V
Recommended external
resistor for RC oscillation
ROSC
OSC: RC oscillation operating mode
39
k
Ω
Recommended external
capacitor for RC oscillation
COSC
OSC: RC oscillation operating mode
1000
pF
Guaranteed range of RC oscillation
fOSC
OSC: RC oscillation operating mode
19
38
76
kHz
External clock operating frequency
fCK
OSC: External clock operating mode
[Figure4]
10
38
76
kHz
External clock duty cycle
DCK
OSC: External clock operating mode
[Figure4]
30
50
70
%
Data setup time
tds
CL, DI
[Figure2], [Figure3]
160
ns
Data hold time
tdh
CL, DI
[Figure2], [Figure3]
160
ns
CE wait time
tcp
CE, CL
[Figure2], [Figure3]
160
ns
CE setup time
tcs
CE, CL
[Figure2], [Figure3]
160
ns
CE hold time
tch
CE, CL
[Figure2], [Figure3]
160
ns
High level clock pulse width
tφH
CL
[Figure2], [Figure3]
160
ns
Low level clock pulse width
tφL
CL
[Figure2], [Figure3]
160
ns
Rise time
tr
CE, CL, DI
[Figure2], [Figure3]
160
ns
Fall time
tf
CE, CL, DI
[Figure2], [Figure3]
160
ns
DO output deley time
tdc
DO RPU=4.7kΩ CL=10pF *2
[Figure2], [Figure3]
1.5
μs
DO rise time
tdr
DO RPU=4.7kΩ CL=10pF *2
[Figure2], [Figure3]
1.5
μs
Note:
*
1. VDD0=0.70VDD to VDD
*
2. Since the DO pin is an open-drain output, these times depend on the values of the pull-up resistorRPU and the load
capacitance CL.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Número de pieza similar - LC75806PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC75806PT ONSEMI-LC75806PT Datasheet
487Kb / 36P
   Duty LCD Driver
June 2017 - Rev. 1
LC75806PT-H ONSEMI-LC75806PT-H Datasheet
487Kb / 36P
   Duty LCD Driver
June 2017 - Rev. 1
LC75806PTS-H ONSEMI-LC75806PTS-H Datasheet
487Kb / 36P
   Duty LCD Driver
June 2017 - Rev. 1
LC75806PT ONSEMI-LC75806PT_17 Datasheet
487Kb / 36P
   Duty LCD Driver
June 2017 - Rev. 1
More results

Descripción similar - LC75806PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
436Kb / 36P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
New Japan Radio
NJU6535 NJRC-NJU6535 Datasheet
221Kb / 30P
   1/3 , 1/4 Duty LCD Driver
NJU6533 NJRC-NJU6533 Datasheet
38Kb / 4P
   1/3, 1/4 Duty LCD Driver
NJU6543 NJRC-NJU6543 Datasheet
214Kb / 29P
   1/2 1/3 1/4 Duty LCD Driver
logo
Sanyo Semicon Device
LC75835W SANYO-LC75835W Datasheet
304Kb / 35P
   CMOS IC 1/3, 1/4-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com