Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75836WS-T Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza LC75836WS-T
Descripción Electrónicos  General-Purpose LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75836WS-T Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC75836WS-T Datasheet HTML 2Page - ON Semiconductor LC75836WS-T Datasheet HTML 3Page - ON Semiconductor LC75836WS-T Datasheet HTML 4Page - ON Semiconductor LC75836WS-T Datasheet HTML 5Page - ON Semiconductor LC75836WS-T Datasheet HTML 6Page - ON Semiconductor LC75836WS-T Datasheet HTML 7Page - ON Semiconductor LC75836WS-T Datasheet HTML 8Page - ON Semiconductor LC75836WS-T Datasheet HTML 9Page - ON Semiconductor LC75836WS-T Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LC75836WS-T
www.onsemi.com
6
Pin Functions
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
S1/P1
to S4/P4
S5 to S34
S35
1 to 4
5 to 34
39
Segment outputs for displaying the display data transferred by serial data input.
The S1/P1 to S4/P4 pins can be used as general-purpose output ports when so set
up by the control data.
-
O
OPEN
COM1
to COM4
35 to 38
Common driver outputs. The frame frequency is fo [Hz].
-
O
OPEN
OSC
44
Oscillator connection. An oscillator circuit is formed by connecting an external
resistor and capacitor to this pin. This pin can be used as the external clock input
pin if external clock operating mode is selected with the control data.
-
I/O
VDD
CE
CL
DI
46
47
48
Serial data transfer inputs. Must be connected to the controller.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
H
-
I
I
I
GND
INH
45
Display off control input
• INH = low (VSS) ...Display forced off
S1/P1 to S4/P4 = low (VSS)
(These pins are forcibly set to the segment output port function
and held at the VSS level.)
S5 to S35 = low (VSS)
COM1 to COM4 = low (VSS)
OSC = Z (high impedance)
RC oscillation stopped
Inhibits external clock input.
• INH = high (VDD)...Display on
RC oscillation enabled (RC oscillator operating mode)
Enables external clock input (external clock operating mode).
However, serial data transfer is possible when the display is forced off.
L
I
GND
VDD1
41
Used to apply the LCD drive 2/3 bias voltage externally.
-
I
OPEN
VDD2
42
Used to apply the LCD drive 1/3 bias voltage externally.
-
I
OPEN
VDD
40
Power supply pin. A power voltage of 4.5 to 6.0V must be applied to this pin.
-
-
-
VSS
43
Ground pin. Must be connected to ground.
-
-
-


Número de pieza similar - LC75836WS-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75836WS-T-E ONSEMI-LC75836WS-T-E Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Descripción similar - LC75836WS-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Princeton Technology Co...
PT6533 PTC-PT6533_10 Datasheet
115Kb / 4P
   General Purpose LCD Driver
PT6533 PTC-PT6533 Datasheet
115Kb / 4P
   General Purpose LCD Driver
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT6579 PTC-PT6579 Datasheet
302Kb / 6P
   General Purpose LCD Driver IC
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com