Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2006IRTJT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSC2006IRTJT
Descripción Electrónicos  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2006IRTJT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2006IRTJT Datasheet HTML 2Page - Texas Instruments TSC2006IRTJT Datasheet HTML 3Page - Texas Instruments TSC2006IRTJT Datasheet HTML 4Page - Texas Instruments TSC2006IRTJT Datasheet HTML 5Page - Texas Instruments TSC2006IRTJT Datasheet HTML 6Page - Texas Instruments TSC2006IRTJT Datasheet HTML 7Page - Texas Instruments TSC2006IRTJT Datasheet HTML 8Page - Texas Instruments TSC2006IRTJT Datasheet HTML 9Page - Texas Instruments TSC2006IRTJT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
TIMING INFORMATION
BIT0
t
DIS(CSR-SDOZ)
t
H(SDI-SCLKR)
NOTE: CPOL=0,CPHA=0,Byte0cyclerequires24SCLKs,andByte1cyclerequireseightSCLKs.
t
H(SCLKF-SDOVALID)
t
SU(SDI-SCLKR)
t
D(CSF-SDOVALID)
t
SU(SCLKF-CSR)
t
WH(CS)
t
C(SCLK)
t
SU(CSF-SCLK1R)
t
F
t
R
t
WL(SCLK)
t
WH(SCLK)
BIT1
MSBIN
MSBOUT
CS SS
(
)
SCLK
SDO(MISO)
SDI(MOSI)
BIT0
BIT1
TIMING REQUIREMENTS
(1)
TSC2006
SBAS415C – JUNE 2007 – REVISED MARCH 2009 ......................................................................................................................................................... www.ti.com
The TSC2006 supports SPI programming in mode CPOL = 0 and CPHA = 0. The falling edge of SCLK is used to
change output (MISO) data and the rising edge is used to latch input (MOSI) data. Eight SCLKs are required to
complete the Byte 1 command cycle, and 24 SCLKs are required for the Byte 0 command cycle. CS can stay low
during the entire 24 SCLKs of a Byte 0 command cycle, or multiple mixed cycles of reading and writing of bytes
and register accesses, as long as the corresponding addresses are supplied.
Figure 1. Detailed I/O Timing
All specifications typical at –40°C to +85°C, SNSVDD = I/OVDD = 1.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
SNSVDD
≥ 1.6V
10
µs
tWL(RESET)
(2)
Reset low time
1.2V
≤ SNSVDD < 1.6V
13
µs
SNSVDD = I/OVDD
≥ 2.7V and ≤ 3.6V,
40
ns
40% to 60% duty cycle
SNSVDD = I/OVDD
≥ 1.6V and < 2.7V,
tC(SCLK)
SPI serial clock cycle time
100
ns
40% to 60% duty cycle
SNSVDD = I/OVDD = 1.2V
182
ns
40% to 60% duty cycle
SNSVDD = I/OVDD
≥ 2.7V and ≤ 3.6V,
25
MHz
10pF load
fSCLK
SPI serial clock frequency
SNSVDD = I/OVDD
≥ 1.6V and < 2.7V,
10
MHz
10pF load
SNSVDD = I/OVDD = 1.2V, 10pF load
5.5
MHz
tWH(SCLK)
SPI serial clock high time
0.4 × tC(SCLK)
0.6 × tC(SCLK)
ns
tWL(SCLK)
SPI serial clock low time
0.4 × tC(SCLK)
0.6 × tC(SCLK)
ns
tSU(CSF-SCLK1R)
Enable lead time
30
ns
tD(CSF-SDOVALID)
Slave access time
15
ns
tH(SCLKF-SDOVALID)
MISO data hold time
6
13
ns
tWH(CS)
Sequential transfer delay
15
ns
tSU(SDI-SCLKR)
MOSI data setup time
4
ns
tH(SDI-SCLKR)
MOSI data hold time
4
ns
tDIS(CSR-SDOZ)
Slave MISO disable time
15
ns
tSU(SCLKF-CSR)
Enable lag time
30
ns
tR
Rise time
SNSVDD = I/OVDD = 3V, fSCLK = 25MHz
3
ns
tF
Fall time
SNSVDD = I/OVDD = 3V, fSCLK = 25MHz
3
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of I/OVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Refer to Figure 34.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2006


Número de pieza similar - TSC2006IRTJT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2006IRTJT TI-TSC2006IRTJT Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Descripción similar - TSC2006IRTJT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com