Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2301 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSC2301
Descripción Electrónicos  PROGRAMMABLE TOUCH SCREEN CONTROLLER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2301 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2301 Datasheet HTML 1Page - Texas Instruments TSC2301 Datasheet HTML 2Page - Texas Instruments TSC2301 Datasheet HTML 3Page - Texas Instruments TSC2301 Datasheet HTML 4Page - Texas Instruments TSC2301 Datasheet HTML 5Page - Texas Instruments TSC2301 Datasheet HTML 6Page - Texas Instruments TSC2301 Datasheet HTML 7Page - Texas Instruments TSC2301 Datasheet HTML 8Page - Texas Instruments TSC2301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
www.ti.com
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
ELECTRICAL CHARACTERISTICS (continued)
At 25°C, HPV
DD = AVDD = DVDD = +3.3 V, VREF = External 2.5 V, unless otherwise noted.
TSC2301
Parameter
Conditions
Units
Min
Typ
Max
Output power per channel
R = 32
14
mW
R = 16
27
mW
R = 16
Ω V
DD = 3.6V
32
mW
Signal-to-noise ratio, A-weighted
85
96
dB
Total harmonic distortion
R = 32
Ω 1-kHz, 0-dB input
-83
-70
dB
R = 16
Ω 1-kHz, -3-dB input
-77
dB
D/A Converter
Output current range
Measured with ARNG floating
0.75
1.10
mA
Resolution
8
Bits
Voltage Reference
TSC2301IPAG
2.34
2.49
2.54
Voltage range
Internal 2.5 V
V
TSC2301IGQZ
2.34
2.49
2.64
ppm/°
Reference drift
50
C
Current drain
20
µA
Digital Input / Output
Internal clock frequency
8.8
MHz
Logic family
CMOS
Logic level: VIH
IIH = 5 µA
0.7 VDD
V
VIL
IIL = 5 µA
-0.3
0.3 VDD
V
VOH
IOH = 2 TTL loads
0.8* DVDD
V
VOL
IOL = 2 TTL loads
0.2* DVDD
V
Power Supply Requirements
Power supply voltage
DVDD, AVDD, HPVDD
2.7
3.6
V
Quiescent current (1)
Touch screen only
1-kHz SAR sample rate, external Vref
14
µA
20-kHz SAR sample rate, internal
Touch screen only
1.7
mA
Vref
Stereo playback only
44.1-kHz Playback, VDD = 2.7V
10
mA
Voice record only
Mono 8-kHz record, VDD = 2.7V
5.8
mA
Power down
Audio fully powered down
.05
µA
(1)
For more details on power consumption, see the Audio Codec section of the description overview.
5


Número de pieza similar - TSC2301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

Descripción similar - TSC2301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com