Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT7461 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza ADT7461
Descripción Electrónicos  Temperature Monitor with Series Resistance Cancellation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADT7461_14 Datasheet HTML 7Page - ON Semiconductor ADT7461_14 Datasheet HTML 8Page - ON Semiconductor ADT7461_14 Datasheet HTML 9Page - ON Semiconductor ADT7461_14 Datasheet HTML 10Page - ON Semiconductor ADT7461_14 Datasheet HTML 11Page - ON Semiconductor ADT7461_14 Datasheet HTML 12Page - ON Semiconductor ADT7461_14 Datasheet HTML 13Page - ON Semiconductor ADT7461_14 Datasheet HTML 14Page - ON Semiconductor ADT7461_14 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADT7461
http://onsemi.com
11
When Pin 6 is configured as THERM2, only the high
temperature limits are relevant. If Flag 6 and/or Flag 4 are
set, the THERM2 output goes low to indicate the
temperature measurements are outside the programmed
limits. Flag 5 and Flag 3 have no effect on THERM2. The
behavior of THERM2 is otherwise the same as THERM.
Table 10. STATUS REGISTER BIT ASSIGNMENTS
Bit
Name
Function
7
BUSY
(Note 1)
1 when ADC is converting
6
LHIGH
(Note 2)
1 when local high temperature limit is
tripped
5
LLOW
(Note 2)
1 when local low temperature limit is
tripped
4
RHIGH
(Note 2)
1 when remote high temperature limit is
tripped
3
RLOW
(Note 2)
1 when remote low temperature limit is
tripped
2
OPEN
(Note 2)
1 when remote sensor is an open circuit
1
RTHRM
1 when remote THERM limit is tripped
0
LTHRM
1 when local THERM limit is tripped
1. Polling of the BUSY bit is not recommended.
2. These flags stay high until the status register is read or they are
reset by POR.
Offset Register
Offset errors may be introduced into the remote
temperature measurement by clock noise or by the thermal
diode being located away from the hot spot. To achieve the
specified accuracy on this channel, these offsets must be
removed.
The offset value is stored as a 10-bit, twos complement
value in Registers 0x11 (high byte) and 0x12 (low byte, left
justified). Only the upper 2 bits of Register 0x12 are used.
The MSB of Register 0x11 is the sign bit. The minimum
offset that can be programmed is −128
°C, and the maximum
is +127.75
°C. The value in the offset register is added to the
measured value of the remote temperature.
The offset register powers up with a default value of 0
°C
and has no effect unless the user writes a different value to it.
Table 11. SAMPLE OFFSET REGISTER CODES
Offset Value
0x11
0x12
−128°C
1000 0000
00 00 0000
−4°C
1111 1100
00 00 0000
−1°C
1111 1111
00 000000
−0.25°C
1111 1111
11 00 0000
0°C
0000 0000
00 00 0000
+0.25°C
0000 0000
01 00 0000
+1°C
0000 0001
00 00 0000
+4°C
0000 0100
00 00 0000
+127.75°C
0111 1111
11 00 0000
One-Shot Register
The one-shot register is used to initiate a conversion and
comparison cycle when the ADT7461 is in standby mode,
after which the device returns to standby. Writing to the
one-shot register address (0x0F) causes the ADT7461 to
perform a conversion and comparison on both the internal
and the external temperature channels. This is not a data
register as such; the write operation to Address 0x0F causes
the one-shot conversion. The data written to this address is
irrelevant and is not stored.
Consecutive ALERT Register
The value written to this register determines how many
out-of-limit measurements must occur before an ALERT is
generated. The default value is that one out-of-limit
measurement generates an ALERT. The maximum value that
can be chosen is 4. The purpose of this register is to allow the
user to perform some filtering of the output. This is
particularly useful at the fastest three conversion rates, where
no averaging takes place. This register is at Address 0x22.
Table 12. CONSECUTIVE ALERT REGISTER CODES
Register Value
Number of Out-of-Limit
Measurements Required
yxxx 000x
1
yxxx 001x
2
yxxx 011x
3
yxxx 111x
4
NOTE: x = don’t care bits, and y = SMBus timeout bit.
Default = 0. See SMBus section for more information.


Número de pieza similar - ADT7461_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
logo
Analog Devices
ADT7461AARMZ AD-ADT7461AARMZ Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461AARMZ ONSEMI-ADT7461AARMZ Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
More results

Descripción similar - ADT7461_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com