Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUC20-24D3W Datasheet(PDF) 2 Page - Bothhand USA, LP.

No. de pieza BUC20-24D3W
Descripción Electrónicos  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUC20-24D3W Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BUC20-24D3W Datasheet HTML 1Page - Bothhand USA, LP. BUC20-24D3W Datasheet HTML 2Page - Bothhand USA, LP. BUC20-24D3W Datasheet HTML 3Page - Bothhand USA, LP. BUC20-24D3W Datasheet HTML 4Page - Bothhand USA, LP. BUC20-24D3W Datasheet HTML 5Page - Bothhand USA, LP. BUC20-24D3W Datasheet HTML 6Page - Bothhand USA, LP. BUC20-24D3W Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev:20130814A
Page 2 of 7
Isolated DC-DC Converters
BUC20W Series -- 20 Watt
PRELIMINARY
Input Specifications
Input Voltage
24V nominal input
9-36V
48V nominal input
18-75V
Input filter
Pi Type
Input surge voltage
24V nominal input
50V
(100ms max.)
48V nominal input
100V
Input reflected ripple current
Nominal Vin and full load
100mAp-p typ.
Start up time
Nominal Vin and constant resistive load
80ms typ.
Converter: ON
Open or 3.5V<Vr<12V
Remote ON/OFF
Converter: OFF
Short
(4) or 0V<Vr<0.7V
Sourcing current of remote control pin
Nominal Vin
<0.2 mA
Idle input current (at Remote OFF state)
Nominal Vin
<15 mA
Environmental Specifications
Operating ambient temperature
-40°C to +85°C (with derating)
Maximum case temperature
+100°C
Storage temperature range
-55°C to +105°C
Relative humidity
95% RH max.
Temperature coefficient
±0.02% / °C max.
Output Specifications
Output power
20.4 Watts max.
Voltage accuracy
Full load and nominal Vin
±1%
Minimum load
See table
Line regulation
LL to HL at full load
±0.5%
25% load to full load
Single
±0.5%
Balanced load
Dual
±0.5%
Load Regulation
Unbalanced load 25% to 100% full load
±3%
20MHz bandwidth
Ripple and Noise
(Measured with a 2.2uF/50V MLCC)
85mVp-p max.
3.3Vout models
3.9V
Over voltage protection
5.1Vout models
6.2V
(Zener Diode Clamp)
12Vout models
15V
15Vout models
18V
Capacitive load
See table
Over load protection
% of full load at nominal input
110% min.
Short circuit protection
Hiccup, continuous (Auto Recovery)
Transient response settling time
50% load step change
300µs typ.
(1.8ms for 3.3Vout)
Transient response over shoot
di/dt=0.8A/µs
±5% of Vo
(≤ ±8% for 3.3Vout)
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Número de pieza similar - BUC20-24D3W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BUC30 BOTHHAND-BUC30 Datasheet
346Kb / 5P
   Isolated DC-DC Converters
BUC30-12D1 BOTHHAND-BUC30-12D1 Datasheet
346Kb / 5P
   Isolated DC-DC Converters
BUC30-12D2 BOTHHAND-BUC30-12D2 Datasheet
346Kb / 5P
   Isolated DC-DC Converters
BUC30-12D3 BOTHHAND-BUC30-12D3 Datasheet
346Kb / 5P
   Isolated DC-DC Converters
BUC30-12S0 BOTHHAND-BUC30-12S0 Datasheet
346Kb / 5P
   Isolated DC-DC Converters
More results

Descripción similar - BUC20-24D3W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com