Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA1T109-43-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

No. de pieza LA1T109-43-LF
Descripción Electrónicos  RJ-45 needs to be matched FCC standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LA1T109-43-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LA1T109-43-LF Datasheet HTML 1Page - Bothhand USA, LP. LA1T109-43-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE -T MAGNETICS AND LEDS
P/N: LA1T109-43 LF
Page : 1/2
A3(08/02)
Feature
l
RJ-45 needs to be matched FCC standard
l
Isolation @ 60Hz : Input to output:1500Vrms.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +85℃.
l
Recommended panel
Part Number Standard LED Forward*V(Max)
(TYP)
3
YELLOW
2.6V
2.1V
4
GREEN
2.6V
2.2V
*with a forward current of 20mA
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk
(dB Min)
Part
Number
TX
RX
OCL(uH Min)
@100KHz/0.1V
with 8mA DC Bias
0.3-30MHz
30-60MHz
60-100MHz
HI-POT
(Vrms)
LA1T109-43 LF
1CT:1CT
1CT:1CT
350
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min) @ Load 100Ω
CMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
30-40MHz 40-50MHz 50-80MHz
1-30MHz
30-60MHz
60-125MHz
LA1T109-43 LF
-1.0
-16
-13.5
-11.5
-10
-30
-25
-20
Schematic
Bothhand USA
email:sales@bothhandusa.com
tel: 978-887-8050
462 Boston St,
Topsfield, MA 01983
http://www.bothhandUSA.com
email:sales@bothhandusa.com
tel: 978-887-8050
fax: 978-887-5434


Número de pieza similar - LA1T109-43-LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
LA1T109-43LF BOTHHAND-LA1T109-43LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE -T MAGNETICS AND LEDS
More results

Descripción similar - LA1T109-43-LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
LU1S041-LF BOTHHAND-LU1S041-LF Datasheet
173Kb / 2P
   RJ-45 needs to be matched FCC standard
LA4S109-LF BOTHHAND-LA4S109-LF Datasheet
189Kb / 2P
   RJ-45 needs to be matched FCC standard
LU1S041A-LF BOTHHAND-LU1S041A-LF Datasheet
184Kb / 2P
   RJ-45 needs to be matched FCC standard
LF1S028-LF BOTHHAND-LF1S028-LF Datasheet
175Kb / 2P
   RJ-45 needs to be matched FCC standard
KLA1T109-43-LF BOTHHAND-KLA1T109-43-LF Datasheet
228Kb / 2P
   RJ-45 needs to be matched FCC standard
KLU1T516-43-LF BOTHHAND-KLU1T516-43-LF Datasheet
229Kb / 2P
   RJ-45 needs to be matched FCC standard
logo
WAGO Kontakttechnik Gmb...
289-172 WAGO-289-172 Datasheet
149Kb / 5P
   Interface module; RJ-45; RJ-45; Cat. 5; in mounting carrier
22.11.2021
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
PCA ELECTRONICS INC.
EPJ9303-F2 PCA-EPJ9303-F2_15 Datasheet
66Kb / 1P
   RJ-45 Filter Port Jacks
EPJ9090-S9 PCA-EPJ9090-S9_15 Datasheet
31Kb / 1P
   RJ-45 Filter Port Jacks
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com