Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1086ILD-1.8 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM1086ILD-1.8
Descripción Electrónicos  1.5A Low Dropout Positive Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1086ILD-1.8 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1086ILD-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LM1086ILD-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM1086ILD-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM1086ILD-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM1086ILD-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM1086ILD-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LM1086ILD-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LM1086ILD-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LM1086ILD-1.8 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Typical Performance Characteristics (Continued)
Line Transient Response
Load Transient Response
10094847
10094848
Application Note
GENERAL
Figure 1 shows a basic functional diagram for the LM1086-
Adj (excluding protection circuitry) . The topology is basically
that of the LM317 except for the pass transistor. Instead of a
Darlingtion NPN with its two diode voltage drop, the LM1086
uses a single NPN. This results in a lower dropout voltage.
The structure of the pass transistor is also known as a quasi
LDO. The advantage a quasi LDO over a PNP LDO is its
inherently lower quiescent current. The LM1086 is guaran-
teed to provide a minimum dropout voltage 1.5V over tem-
perature, at full load.
OUTPUT VOLTAGE
The LM1086 adjustable version develops at 1.25V reference
voltage, (V
REF), between the output and the adjust terminal.
As shown in figure 2, this voltage is applied across resistor
R1 to generate a constant current I1. This constant current
then flows through R2. The resulting voltage drop across R2
adds to the reference voltage to sets the desired output
voltage.
The current I
ADJ from the adjustment terminal introduces an
output error . But since it is small (120uA max), it becomes
negligible when R1 is in the 100
Ω range.
For fixed voltage devices, R1 and R2 are integrated inside
the devices.
STABILITY CONSIDERATION
Stability consideration primarily concern the phase response
of the feedback loop. In order for stable operation, the loop
must maintain negative feedback. The LM1086 requires a
certain amount series resistance with capacitive loads. This
series resistance introduces a zero within the loop to in-
crease phase margin and thus increase stability. The equiva-
lent series resistance (ESR) of solid tantalum or aluminum
electrolytic capacitors is used to provide the appropriate zero
(approximately 500 kHz).
The Aluminum electrolytic are less expensive than tantal-
ums, but their ESR varies exponentially at cold tempera-
tures; therefore requiring close examination when choosing
the desired transient response over temperature. Tantalums
are a convenient choice because their ESR varies less than
2:1 over temperature.
The recommended load/decoupling capacitance is a 10uF
tantalum or a 50uF aluminum. These values will assure
stability for the majority of applications.
The adjustable versions allows an additional capacitor to be
used at the ADJ pin to increase ripple rejection. If this is done
the output capacitor should be increased to 22uF for tantal-
ums or to 150uF for aluminum.
10094865
FIGURE 1. Basic Functional Diagram for the LM1086,
excluding Protection circuitry
10094817
FIGURE 2. Basic Adjustable Regulator
www.national.com
8


Número de pieza similar - LM1086ILD-1.8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1086ILD-3.3 TI1-LM1086ILD-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086ILD-3.3 TI1-LM1086ILD-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086ILD-3.3/NOPB TI1-LM1086ILD-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086ILD-3.3/NOPB TI1-LM1086ILD-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086ILD-3.3/NOPB TI1-LM1086ILD-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
More results

Descripción similar - LM1086ILD-1.8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15