Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P-8305-101G Datasheet(PDF) 3 Page - Copal Electronics |
|
P-8305-101G Datasheet(HTML) 3 Page - Copal Electronics |
3 / 3 page ■ INSTALLATION EXAMPLES ■ INTERNAL ELECTRICAL SCHEMATICS O An “O” ring S24 is supplied as accessory. Make the mounting bore diameterφ27.1 +0.1 –0 and the surface- roughness as 6.3 S ( ▽▽▽ ). O Do not make the connector terminal side be airtight completely, as the vent hole is at this side. ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.5 (Unit: mm) PIN CONNECTION 1 2 3 4 G Output B Output C Input C Input B Housing Extra care should be taken with the diaphragm part. Do not touch the diaphragm directly to avoid damaging the diaphragm. P-8305 1 2 3 4G □ φ 2 0.15 φ 5 – 0.7 φ 23.5 4 × 2.54 14.8 (5.87) (13.12) 1.8 5.2 11 Base : SUS316L (Fluoro - rubber) Pressure port Terminal pin Pressure rang Lot No. Stainless steel diaphragm : SUS316L 2 (–) 3 (–) 4 (+) 1 (+) G Thick film resistors for temp. compensation Output P-8305 PRESSURE TRANSDUCERS |
Número de pieza similar - P-8305-101G |
|
Descripción similar - P-8305-101G |