Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC717A10AJ Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza LC717A10AJ
Descripción Electrónicos  Capacitance-Digital-Converter LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC717A10AJ Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC717A10AJ Datasheet HTML 3Page - ON Semiconductor LC717A10AJ Datasheet HTML 4Page - ON Semiconductor LC717A10AJ Datasheet HTML 5Page - ON Semiconductor LC717A10AJ Datasheet HTML 6Page - ON Semiconductor LC717A10AJ Datasheet HTML 7Page - ON Semiconductor LC717A10AJ Datasheet HTML 8Page - ON Semiconductor LC717A10AJ Datasheet HTML 9Page - ON Semiconductor LC717A10AJ Datasheet HTML 10Page - ON Semiconductor LC717A10AJ Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LC717A10AJ
No.A2162-10/11
Continued from the previous page.
Pin Name
I/O
Pin Functions
Pin Type
SA0/SO
I/O
Slave address selection (I
2C)
/ Data output (SPI)
VDD
VSS
R
Buffer
VDD
Power supply (2.6V to 5.5V) *1
VSS
Ground (Earth) *1 *2
*
1) Inserting a high-valued capacitor and a low-valued capacitor in parallel between VDD and VSS is recommended.
In this case, the small-valued capacitor should be at least 0.1
μF, and is mounted near the LSI.
*
2) When VSS terminal is not grounded in battery-powered mobile equipment, detection sensitivity may be degraded.
Details of Pin Functions
●Cin0 to Cin15
These are the capacitance-sensor-input pins. These pins are used by connecting them to the touch switch pattern.
Cin and the Cdrv wire patterns should be close to each other. By doing so, Cdrv and Cin patterns are capacitively
coupled. Therefore, LSI can detect capacitance change near each pattern as 8bit digital data.
However, if the shape of each pattern or the capacitively coupled value of Cdrv is not appropriate, it may not be able
to detect the capacitance change correctly.
In this LSI, there is a two-stage amplifier that detects the changes in the capacitance and outputs analog-amplitude
values. Cin0 to Cin15 are connected to the inverting input of the 1st amplifier.
During measurement process, channels other than the one being measured are all in “Low” condition.
Leave the unused terminals open.
●Cref, CrefAdd
These are the reference-capacitance-input pins. These are used by connecting to the wire pattern like Cin pins or are
used by connecting any capacitance between this pin and Cdrv pin.
In this LSI, there is a two-stage amplifier that detects the changes in the capacitance and outputs analog-amplitude
values. Cref is connected to the non-inverting input of the 1st amplifier.
Due to the parasitic capacitance generated in the wire connections of Cin pins and their patterns, as well as the one
generated between the wire patterns of Cin and Cdrv pins, Cref may not detect capacitance change of each Cin pin
accurately. In this case, connect an appropriate capacitance between Cref and Cdrv to detect capacitance change
accurately.
However, if the difference between the parasitic capacitance of each Cin pin is extremely large, it may not detect
capacitance change of each Cin pin correctly.
CrefAdd can be used as additional terminal for Cref. Leave the CrefAdd open if not in used.
●Cdrv
It is the output pin for capacitance sensors drive. It outputs the pulse voltage which is needed to detect capacitance at
Cin0 to Cin15.
Cdrv and Cin wire patterns should be close to each other so that they are capacitively coupled.
●INTOUT
It is the interrupt-output pin.
It is used by connecting to a main microcomputer if necessary, and use as interrupt signal. (High Active)
Leave the terminal open if not in used.
●SCL/SCK
Clock input (I2C) / Clock input (SPI)
It is the clock input pin of the I2C compatible bus or the SPI depending on the mode of operation.


Número de pieza similar - LC717A10AJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AJ-NH ONSEMI-LC717A10AJ-NH Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
More results

Descripción similar - LC717A10AJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10PJ ONSEMI-LC717A10PJ Datasheet
240Kb / 14P
   Capacitance-Digital-Converter LSI
May, 2014
LC717A10AR ONSEMI-LC717A10AR Datasheet
147Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com