Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM211DG Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza LM211DG
Descripción Electrónicos  Single Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211DG Datasheet(HTML) 7 Page - ON Semiconductor

  LM211DG Datasheet HTML 1Page - ON Semiconductor LM211DG Datasheet HTML 2Page - ON Semiconductor LM211DG Datasheet HTML 3Page - ON Semiconductor LM211DG Datasheet HTML 4Page - ON Semiconductor LM211DG Datasheet HTML 5Page - ON Semiconductor LM211DG Datasheet HTML 6Page - ON Semiconductor LM211DG Datasheet HTML 7Page - ON Semiconductor LM211DG Datasheet HTML 8Page - ON Semiconductor LM211DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LM211, LM311
http://onsemi.com
7
TECHNIQUES FOR AVOIDING OSCILLATIONS IN COMPARATOR APPLICATIONS
When a high speed comparator such as the LM211 is used
with high speed input signals and low source impedances,
the output response will normally be fast and stable,
providing the power supplies have been bypassed (with
0.1
mF disc capacitors), and that the output signal is routed
well away from the inputs (Pins 2 and 3) and also away from
Pins 5 and 6.
However, when the input signal is a voltage ramp or a slow
sine wave, or if the signal source impedance is high (1.0 k
W
to 100 k
W), the comparator may burst into oscillation near
the crossing−point. This is due to the high gain and wide
bandwidth of comparators like the LM211 series. To avoid
oscillation or instability in such a usage, several precautions
are recommended, as shown in Figure 16.
The trim pins (Pins 5 and 6) act as unwanted auxiliary
inputs. If these pins are not connected to a trim−pot, they
should be shorted together. If they are connected to a
trim−pot, a 0.01
mF capacitor (C1) between Pins 5 and 6 will
minimize the susceptibility to AC coupling. A smaller
capacitor is used if Pin 5 is used for positive feedback as in
Figure 16. For the fastest response time, tie both balance pins
to VCC.
Certain sources will produce a cleaner comparator output
waveform if a 100 pF to 1000 pF capacitor (C2) is connected
directly across the input pins. When the signal source is
applied through a resistive network, R1, it is usually
advantageous to choose R2 of the same value, both for DC
and for dynamic (AC) considerations. Carbon, tin−oxide,
and metal−film resistors have all been used with good results
in comparator input circuitry, but inductive wirewound
resistors should be avoided.
When comparator circuits use input resistors (e.g.,
summing resistors), their value and placement are particularly
important. In all cases the body of the resistor should be close
to the device or socket. In other words, there should be a very
short lead length or printed−circuit foil run between
comparator and resistor to radiate or pick up signals. The
same applies to capacitors, pots, etc. For example, if R1 =
10 k
W, as little as 5 inches of lead between the resistors and
the input pins can result in oscillations that are very hard to
dampen. Twisting these input leads tightly is the best
alternative to placing resistors close to the comparator.
Since feedback to almost any pin of a comparator can
result in oscillation, the printed−circuit layout should be
engineered thoughtfully. Preferably there should be a
groundplane under the LM211 circuitry (e.g., one side of a
double layer printed circuit board). Ground, positive supply
or negative supply foil should extend between the output and
the inputs to act as a guard. The foil connections for the
inputs should be as small and compact as possible, and
should be essentially surrounded by ground foil on all sides
to guard against capacitive coupling from any fast
high−level signals (such as the output). If Pins 5 and 6 are not
used, they should be shorted together. If they are connected
to a trim−pot, the trim−pot should be located no more than
a few inches away from the LM211, and a 0.01
mF capacitor
should be installed across Pins 5 and 6. If this capacitor
cannot be used, a shielding printed−circuit foil may be
advisable between Pins 6 and 7. The power supply bypass
capacitors should be located within a couple inches of the
LM211.
A standard procedure is to add hysteresis to a comparator
to prevent oscillation, and to avoid excessive noise on the
output. In the circuit of Figure 17, the feedback resistor of
510 k
W from the output to the positive input will cause about
3.0 mV of hysteresis. However, if R2 is larger than 100
W,
such as 50 k
W, it would not be practical to simply increase
the value of the positive feedback resistor proportionally
above 510 k
W to maintain the same amount of hysteresis.
When both inputs of the LM211 are connected to active
signals, or if a high−impedance signal is driving the positive
input of the LM211 so that positive feedback would be
disruptive, the circuit of Figure 16 is ideal. The positive
feedback is applied to Pin 5 (one of the offset adjustment
pins). This will be sufficient to cause 1.0 mV to 2.0 mV
hysteresis and sharp transitions with input triangle waves
from a few Hz to hundreds of kHz. The positive−feedback
signal across the 82
W resistor swings 240 mV below the
positive supply. This signal is centered around the nominal
voltage at Pin 5, so this feedback does not add to the offset
voltage of the comparator. As much as 8.0 mV of offset
voltage can be trimmed out, using the 5.0 k
W pot and 3.0 kW
resistor as shown.


Número de pieza similar - LM211DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM211DG ONSEMI-LM211DG Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
LM211DG4 TI-LM211DG4 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211DG4 TI1-LM211DG4 Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
More results

Descripción similar - LM211DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM211 ONSEMI-LM211_05 Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com