Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM211 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LM211
Descripción Electrónicos  Single Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211 Datasheet(HTML) 2 Page - ON Semiconductor

  LM211 Datasheet HTML 1Page - ON Semiconductor LM211 Datasheet HTML 2Page - ON Semiconductor LM211 Datasheet HTML 3Page - ON Semiconductor LM211 Datasheet HTML 4Page - ON Semiconductor LM211 Datasheet HTML 5Page - ON Semiconductor LM211 Datasheet HTML 6Page - ON Semiconductor LM211 Datasheet HTML 7Page - ON Semiconductor LM211 Datasheet HTML 8Page - ON Semiconductor LM211 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM211, LM311
http://onsemi.com
2
ORDERING INFORMATION
Device
Package
Shipping
LM211DG
SOIC−8
(Pb−Free)
98 Units / Rail
LM211DR2G
2500 Units / Tape & Reel
LM311DG
98 Units / Rail
LM311DR2G
2500 Units / Tape & Reel
LM311NG
PDIP−8
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
LM211
LM311
Unit
Total Supply Voltage
VCC +⎥VEE
36
36
Vdc
Output to Negative Supply Voltage
VO −VEE
50
40
Vdc
Ground to Negative Supply Voltage
VEE
30
30
Vdc
Input Differential Voltage
VID
±30
±30
Vdc
Input Voltage (Note 2)
Vin
±15
±15
Vdc
Voltage at Strobe Pin
VCC to VCC−5
VCC to VCC−5
Vdc
Power Dissipation and Thermal Characteristics
Plastic DIP
PD
625
mW
Derate Above TA = +25°C
RqJA
5.0
mW/°C
Operating Ambient Temperature Range
TA
−25 to +85
0 to +70
°C
Operating Junction Temperature
TJ(max)
+150
+150
°C
Storage Temperature Range
Tstg
−65 to +150
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Número de pieza similar - LM211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LM211 PHILIPS-LM211 Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
Seoul Semiconductor
LM211 SEOUL-LM211 Datasheet
390Kb / 14P
   BLUE OVAL LAMP LED
logo
STMicroelectronics
LM211 STMICROELECTRONICS-LM211 Datasheet
236Kb / 14P
   Voltage comparator with strobe
logo
Seoul Semiconductor
LM211 SEOUL-LM211 Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
logo
NXP Semiconductors
LM211 PHILIPS-LM211 Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
More results

Descripción similar - LM211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM211 ONSEMI-LM211_05 Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com