Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA2902SF-E2 Datasheet(PDF) 8 Page - Rohm |
|
BA2902SF-E2 Datasheet(HTML) 8 Page - Rohm |
8 / 56 page Datasheet www.rohm.com TSZ02201-0RAR0G200130-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 8/52 23.Jan.2014 Rev.003 TSZ22111・15・001 BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx BA2902xx, BA2902Sxx ○BA2904, BA2904S (Unless otherwise specified VCC=+5V, VEE=0V) Parameter Symbol Temperature Range Limits Unit Condition Min. Typ. Max. Input Offset Voltage (Note 22,23) VIO 25°C - 2 7 mV OUT=1.4V Full range - - 10 VCC=5 to 30V, OUT=1.4V Input Offset Voltage Drift △VIO /△T - - ±7 - μV/°C OUT=1.4V Input Offset Current (Note 22,23) IIO 25°C - 2 50 nA OUT=1.4V Full range - - 200 Input Offset Current Drift △IIO /△T - - ±10 - pA/°C OUT=1.4V Input Bias Current (Note 22,23) IB 25°C - 20 250 nA OUT=1.4V Full range - - 250 Supply Current (Note 23) ICC 25°C - 0.5 1.2 mA RL=∞, All Op-Amps Full range - - 2 Maximum Output Voltage(High) (Note 23) VOH 25°C 3.5 - - V RL=2k Ω Full range 27 28 - VCC=30V, RL=10k Ω Maximum Output Voltage(Low) (Note 23) VOL Full range - 5 20 mV RL=∞, All Op-Amps Large Signal Voltage Gain AV 25°C 25 100 - V/mV RL≧2k Ω, VCC=15V OUT=1.4 to 11.4V 88 100 - dB Input Common-mode Voltage Range VICM 25°C 0 - VCC-1.5 V (VCC-VEE)=5V OUT=VEE+1.4V Common-mode Rejection Ratio CMRR 25°C 50 80 - dB OUT=1.4V Power Supply Rejection Ratio PSRR 25°C 65 100 - dB VCC=5 to 30V Output Source Current (Note 23,24) ISOURCE 25°C 20 30 - mA VIN+=1V, VIN-=0V OUT=0V, 1CH is short circuit Full range 10 - - Output Sink Current (Note 23,24) ISINK 25°C 10 20 - mA VIN+=0V, VIN-=1V OUT=5V, 1CH is short circuit Full range 2 - - 25°C 12 40 - μA VIN+=0V, VIN-=1V OUT=200mV Channel Separation CS 25°C - 120 - dB f=1kHz, input referred Slew rate SR 25°C - 0.2 - V/ μs VCC=15V, Av=0dB RL=2k Ω, CL=100pF Gain Band Width GBW 25°C - 0.5 - MHz VCC=30V, RL=2k Ω CL=100pF Input referred noise voltage VN 25°C - 40 - Hz nV/ VCC=15V, VEE=-15V RS=100 Ω, Vi=0V, f=1kHz (Note 22) Absolute value (Note 23) BA2904S :Full range -40 to +105°C BA2904 :Full range -40 to +125°C (Note 24) Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
Número de pieza similar - BA2902SF-E2 |
|
Descripción similar - BA2902SF-E2 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |