Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7255SHFV-TR Datasheet(PDF) 3 Page - Rohm

No. de pieza BU7255SHFV-TR
Descripción Electrónicos  Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7255SHFV-TR Datasheet(HTML) 3 Page - Rohm

  BU7255SHFV-TR Datasheet HTML 1Page - Rohm BU7255SHFV-TR Datasheet HTML 2Page - Rohm BU7255SHFV-TR Datasheet HTML 3Page - Rohm BU7255SHFV-TR Datasheet HTML 4Page - Rohm BU7255SHFV-TR Datasheet HTML 5Page - Rohm BU7255SHFV-TR Datasheet HTML 6Page - Rohm BU7255SHFV-TR Datasheet HTML 7Page - Rohm BU7255SHFV-TR Datasheet HTML 8Page - Rohm BU7255SHFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200360-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
3/18
8.Jan.2014 Rev.001
TSZ22111・15・001
BU7255HFV
BU7255SHFV
Electrical Characteristics:
○BU7255HFV, BU7255SHFV (Unless otherwise specified VDD=+3V, VSS=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 5)
VIO
25°C
-
1
9
mV
-
Input Offset Current
(Note 5)
IIO
25°C
-
1
-
pA
-
Input Bias Current
(Note 5)
IB
25°C
-
1
-
pA
-
Supply Current
(Note 6)
IDD
25°C
-
540
900
μA
RL=∞
AV=0dB, IN+=1.5V
Full Range
-
-
1200
Maximum Output Voltage(High)
VOH
25°C
VDD-0.1
-
-
V
RL=10kΩ
Maximum Output Voltage(Low)
VOL
25°C
-
-
VSS+0.1
V
RL=10kΩ
Large Signal Voltage Gain
AV
25°C
60
105
-
dB
RL=10kΩ
Input Common-mode
Voltage Range
VICM
25°C
0
-
3
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25°C
40
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25°C
45
80
-
dB
-
Output Source Current
(Note 7)
ISOURCE
25°C
2
4
-
mA
OUT=VDD - 0.4V
Output Sink Current
(Note 7)
ISINK
25°C
4
8
-
mA
OUT=VSS + 0.4V
Slew Rate
SR
25°C
-
3.4
-
V/
μs
CL=25pF
Unity Gain Frequency
fT
25°C
-
4
-
MHz
CL=25pF, AV=40dB
Phase Margin
θ
25°C
-
40
-
deg
CL=25pF, AV=40dB
(Note 5)
Absolute value
(Note 6)
Full range BU7255: TA=-40C to +85C BU7255S: TA=-40C to +105C
(Note 7)
Consider the power dissipation of the IC under high temperature environment when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.


Número de pieza similar - BU7255SHFV-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7255SHFV ROHM-BU7255SHFV Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7255SHFV ROHM-BU7255SHFV Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7255SHFV ROHM-BU7255SHFV Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
More results

Descripción similar - BU7255SHFV-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
BD7561G ROHM-BD7561G_12 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com