Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7461G-TR Datasheet(PDF) 1 Page - Rohm

No. de pieza BU7461G-TR
Descripción Electrónicos  Ground Sense Low Voltage Operation CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7461G-TR Datasheet(HTML) 1 Page - Rohm

  BU7461G-TR Datasheet HTML 1Page - Rohm BU7461G-TR Datasheet HTML 2Page - Rohm BU7461G-TR Datasheet HTML 3Page - Rohm BU7461G-TR Datasheet HTML 4Page - Rohm BU7461G-TR Datasheet HTML 5Page - Rohm BU7461G-TR Datasheet HTML 6Page - Rohm BU7461G-TR Datasheet HTML 7Page - Rohm BU7461G-TR Datasheet HTML 8Page - Rohm BU7461G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1/40
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 14 • 001
TSZ02201-0RAR1G200150-1-2
13.Feb.2015 Rev003
Figure 1. Simplified Schematic (1 channel only)
Operational Amplifiers
Ground Sense Low Voltage Operation
CMOS Operational Amplifiers
BU7461G BU7461SG BU7462xxx BU7462Sxxx BU7464F BU7464SF
General Description
BU7461G/BU7462xxx/BU7464F are input ground
sense, output full swing CMOS operational amplifiers.
BU7461SG/BU7462Sxxx/BU7464SF have an expanded
operating temperature range. They have the features of
low operating supply voltage, low supply current and low
input bias current. These are suitable for portable
equipment and sensor amplifiers.
Features
Low Supply Current
Low Operating Supply Voltage
Wide Temperature Range
Low Input Bias Current
Applications
Sensor Amplifier
Portable Equipment
Consumer Equipment
Key Specifications
Operating Supply Voltage:
+1.7V to +5.5V
Supply Current:
150µA/ch(Typ)
Temperature Range:
BU7461G/BU7462xxx/BU7464F
-40°C to +85°C
BU7461SG/BU7462Sxxx/BU7464SF
-40°C to +105°C
Input Offset Current:
1pA (Typ)
Input Bias Current:
1pA (Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
MSOP8
2.90mm x 4.00mm x 0.90mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
SOP14
8.70mm x 6.20mm x 1.71mm
Simplified Schematic
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
VDD
VSS
IN+
Vbias
IN-
OUT
Class
AB control
Vbias
Datasheet


Número de pieza similar - BU7461G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7461G-TR ROHM-BU7461G-TR Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Descripción similar - BU7461G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com