Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7495HFV-TR Datasheet(PDF) 6 Page - Rohm

No. de pieza BU7495HFV-TR
Descripción Electrónicos  Low Voltage Operation High Speed CMOS Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7495HFV-TR Datasheet(HTML) 6 Page - Rohm

Back Button BU7495HFV-TR Datasheet HTML 2Page - Rohm BU7495HFV-TR Datasheet HTML 3Page - Rohm BU7495HFV-TR Datasheet HTML 4Page - Rohm BU7495HFV-TR Datasheet HTML 5Page - Rohm BU7495HFV-TR Datasheet HTML 6Page - Rohm BU7495HFV-TR Datasheet HTML 7Page - Rohm BU7495HFV-TR Datasheet HTML 8Page - Rohm BU7495HFV-TR Datasheet HTML 9Page - Rohm BU7495HFV-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200350-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
6/19
6.Jan.2014 Rev.001
TSZ22111・15・001
BU7495HFV
BU7495SHFV
Typical Performance Curves
○BU7495HFV, BU7495SHFV
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7495HFV: -40
C to +85C BU7495SHFV: -40C to +105C
Figure 1.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 2.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 3.
Supply Current vs Supply Voltage
Figure 4.
Supply Current vs Ambient Temperature
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
BU7495HFV
85
0.0
0.5
1.0
1.5
2.0
123
45
6
Supply Voltage [V]
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
BU7495SHFV
105


Número de pieza similar - BU7495HFV-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7495HFV ROHM-BU7495HFV Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495HFV ROHM-BU7495HFV Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7495HFV ROHM-BU7495HFV Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
More results

Descripción similar - BU7495HFV-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com