Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7487F-E2 Datasheet(PDF) 5 Page - Rohm

No. de pieza BU7487F-E2
Descripción Electrónicos  Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7487F-E2 Datasheet(HTML) 5 Page - Rohm

  BU7487F-E2 Datasheet HTML 1Page - Rohm BU7487F-E2 Datasheet HTML 2Page - Rohm BU7487F-E2 Datasheet HTML 3Page - Rohm BU7487F-E2 Datasheet HTML 4Page - Rohm BU7487F-E2 Datasheet HTML 5Page - Rohm BU7487F-E2 Datasheet HTML 6Page - Rohm BU7487F-E2 Datasheet HTML 7Page - Rohm BU7487F-E2 Datasheet HTML 8Page - Rohm BU7487F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200380-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
5/39
12.JUL.2013 Rev.001
TSZ22111・15・001
BU7485G
BU7485SG
BU7486xxx
BU7486Sxxx
BU7487xx
BU7487Sxx
○BU7486xxx, BU7486Sxxx(Unless otherwise specified VDD=+3V, VSS=0V, Ta=25
C)
*13
Absolute value
*14
Full range BU7486xxx: Ta=-40
C to +85C BU7486Sxxx: Ta=-40C to +105C
*15
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min
Typ
Max
Input Offset Voltage
*13
Vio
25
C
-
1
9.5
mV
-
Input Offset Current
*13
Iio
25
C
-
1
-
pA
-
Input Bias Current
*13
Ib
25
C
-
1
-
pA
-
Supply Current
*14
IDD
25
C
-
3000
4000
μA
RL=∞, All Op-Amps
Av=0dB, IN=0.8V
Full range
-
-
4500
Maximum Output Voltage
(High)
VOH
25
C
VDD-0.1
-
-
V
RL=10k
Maximum Output Voltage
(Low)
VOL
25
C
-
-
VSS+0.1
V
RL=10k
Large Signal Voltage Gain
Av
25
C
70
105
-
dB
RL=10k
Input Common-mode
Voltage Range
Vicm
25
C
0
-
1.6
V
VSS to VDD-1.4V
Common-mode Rejection
Ratio
CMRR
25
C
45
60
-
dB
-
Power Supply Rejection
Ratio
PSRR
25
C
60
80
-
dB
-
Output Source Current
*15
Isource
25
C
4
8
-
mA
VDD-0.4V
Output Sink Current
*15
Isink
25
C
7
12
-
mA
VSS+0.4V
Slew Rate
SR
25
C
-
10
-
V/
μs CL=25pF
Unity Gain Frequency
fT
25
C
-
10
-
MHz
CL=25pF, Av=40dB
Phase Margin
θ
25
C
-
50
-
deg
CL=25pF, Av=40dB
Total Harmonic Distortion
+Noise
THD+N
25
C
-
0.03
-
%
OUT=0.7VP-P, f=1kHz
Channel Separation
CS
25
C
-
100
-
dB
Av=40dB


Número de pieza similar - BU7487F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7487F-E2 ROHM-BU7487F-E2 Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
More results

Descripción similar - BU7487F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com