Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3002D2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3002D2
Descripción Electrónicos  9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3002D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA3002D2 Datasheet HTML 1Page - Texas Instruments TPA3002D2 Datasheet HTML 2Page - Texas Instruments TPA3002D2 Datasheet HTML 3Page - Texas Instruments TPA3002D2 Datasheet HTML 4Page - Texas Instruments TPA3002D2 Datasheet HTML 5Page - Texas Instruments TPA3002D2 Datasheet HTML 6Page - Texas Instruments TPA3002D2 Datasheet HTML 7Page - Texas Instruments TPA3002D2 Datasheet HTML 8Page - Texas Instruments TPA3002D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPA3002D2
SLOS402C − DECEMBER 2002 − REVISED JANUARY 2004
www.ti.com
5
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage range:
AVCC, PVCC
−0.3 V to 15 V
MODE, VREF, VARDIFF, VARMAX, VOLUME
0 V to 5.5 V
Input voltage range, VI
SD
−0.3 V to VCC + 0.3 V
Input voltage range, VI
RINN, RINP, LINN, LINP
−0.3 V to 7 V
Supply current
AVDD
120 mA
Supply current
AVDDREF
10 mA
Output current,
VAROUTL, VAROUTR
20 mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
−40
°C to 85°C
Operating junction temperature range, T
−40
°C to 150°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PHP
4.3 W
34.7 mW/
°C(1)
2.7 W
2.2 W
(1) The PowerPAD must be soldered to a thermal land on the printed circuit board. Please refer to the PowerPAD
Thermally Enhanced Package application note (SLMA002).
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VCC
PVCC, AVCC
8.5
14
V
Volume reference voltage
VREF
3.0
5.5
V
Volume control pins, input voltage
VARDIFF, VARMAX, VOLUME
5.5
V
High-level input voltage, VIH
SD
2
V
High-level input voltage, VIH
MODE
3.5
V
Low-level input voltage, VIL
SD
0.8
V
Low-level input voltage, VIL
MODE
2
V
High-level output voltage, VOH
MODE_OUT, IOH = 1 mA
AVDD−100mV
V
Low-level output voltage, VOL
MODE_OUT, IOL = −1 mA
AGND+100mV
V
High-level input current, IIH
MODE, VI= 5 V, VCC = 14 V
1
uA
High-level input current, IIH
SD, VI= 14 V, VCC = 14 V
30
uA
Low-level input current, IIL
MODE, VI= 0 V, VCC = 14 V
1
uA
Low-level input current, IIL
SD, VI= 0 V, VCC = 14 V
1
uA
Oscillator frequency, fOSC
225
275
kHz
Operating free-air temperature, TA
−40
85
°C


Número de pieza similar - TPA3002D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHP TI-TPA3002D2PHP Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHPG4 TI-TPA3002D2PHPG4 Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHPR TI-TPA3002D2PHPR Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHPRG4 TI-TPA3002D2PHPRG4 Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
More results

Descripción similar - TPA3002D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2_07 Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com