Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM324F Datasheet(PDF) 6 Page - Rohm |
|
LM324F Datasheet(HTML) 6 Page - Rohm |
6 / 48 page Datasheet www.rohm.com TSZ02201-0GMG0G200190-1-2 ©2015 ROHM Co., Ltd. All rights reserved. 6/44 01.Aug.2016 Rev.005 TSZ22111・15・001 LM358xxx LM324xxx LM2904xxx LM2902xxx (10) Power Supply Rejection Ratio (PSRR) Indicates the ratio of fluctuation of input offset voltage when supply voltage is changed. It is normally the fluctuation of DC. PSRR= (Change of Power Supply Voltage)/( Input Offset Fluctuation) (11) Output Source Current/ Output Sink Current (ISOURCE / ISINK) The maximum current that the IC can output under specific output conditions. The output source current indicates the current flowing out from the IC, and the output sink current indicates the current flowing into the IC. (12) Channel Separation (CS) Indicates the fluctuation in the output voltage of the driven channel with reference to the change of output voltage of the channel which is not driven. (13) Slew Rate (SR) Indicates the rate of the change of the output voltage with time when a step input signal is applied. (14) Gain Bandwidth (GBW) The product of the open-loop voltage gain and the frequency at which the voltage gain decreases 6dB/octave. (15) Phase Margin (θ) Indicates the margin of phase from 180 degree phase lag at unity gain frequency. (16) Input Referred Noise Voltage (VN) Indicates a noise voltage generated inside the operational amplifier equivalent by ideal voltage source connected in series with input pin. |
Número de pieza similar - LM324F |
|
Descripción similar - LM324F |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |