Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3002D2PHP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3002D2PHP
Descripción Electrónicos  9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3002D2PHP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3002D2PHP Datasheet HTML 6Page - Texas Instruments TPA3002D2PHP Datasheet HTML 7Page - Texas Instruments TPA3002D2PHP Datasheet HTML 8Page - Texas Instruments TPA3002D2PHP Datasheet HTML 9Page - Texas Instruments TPA3002D2PHP Datasheet HTML 10Page - Texas Instruments TPA3002D2PHP Datasheet HTML 11Page - Texas Instruments TPA3002D2PHP Datasheet HTML 12Page - Texas Instruments TPA3002D2PHP Datasheet HTML 13Page - Texas Instruments TPA3002D2PHP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TPA3002D2
SLOS402C − DECEMBER 2002 − REVISED JANUARY 2004
www.ti.com
10
Figure 1
PO − Output Power − W
VCC = 12 V,
Class-D,
LC Filter,
Resistive Load
EFFICIENCY
vs
OUTPUT POWER
RL = 8 Ω
40
30
10
0
02
4
6
60
80
100
810
20
50
70
90
Figure 2
8
6
2
0
810
10
14
OUTPUT POWER
vs
LOAD RESISTANCE
16
12
14
16
RL − Load Resistance − Ω
VCC = 8.5 V,
THD = 1%
VCC = 8.5 V,
THD = 10%
VCC = 12 V,
THD = 10%
VCC = 12 V,
THD = 1%
4
12
f = 1 kHz,
LC Filter,
Class-D,
Resistive Load,
TA = 25°C
Figure 3
8
Ω Speaker
1% THD+N
8
Ω Speaker
10% THD+N
12
8
6
2
910
11
14
OUTPUT POWER
vs
SUPPLY VOLTAGE
12
13
14
10
4
VCC − Supply Voltage − V
8.5
TA = 25°C
Figure 4
13
12
11
10
8.5
9
10
11
15
16
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
17
12
13
14
14
VCC − Supply Voltage − V
SD = 2 V,
MODE = 2 V,
Class-D,
No Load


Número de pieza similar - TPA3002D2PHP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3002D2PHP TI-TPA3002D2PHP Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHPG4 TI-TPA3002D2PHPG4 Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHPR TI-TPA3002D2PHPR Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHPRG4 TI-TPA3002D2PHPRG4 Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
More results

Descripción similar - TPA3002D2PHP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2_07 Datasheet
685Kb / 38P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com