Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSMH0312D-2R2M Datasheet(PDF) 1 Page - Frontier Electronics.

No. de pieza CSMH0312D-2R2M
Descripción Electrónicos  SMD WIRE WOUND POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSMH0312D-2R2M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSMH0312D-2R2M Datasheet HTML 1Page - Frontier Electronics. CSMH0312D-2R2M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSMH0312D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
Frontier Electronics Corp.®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
A. Electrical Specifications:
P/N
Inductance
@100KHz (μH)
Inductance
Tolerance
DCR ±20%
(Ω)
Rated Current (A)
SRF Min.
(MHz)
I sat
I rms
CSMH0312D-1R0N
1.0
N
0.048
2.200
1.710
111
CSMH0312D-1R5N
1.5
N
0.055
1.700
1.600
95
CSMH0312D-2R2M
2.2
M
0.075
1.500
1.370
78
CSMH0312D-3R3M
3.3
M
0.100
1.200
1.210
61
CSMH0312D-4R7M
4.7
M
0.130
1.000
1.060
50
CSMH0312D-6R8M
6.8
M
0.190
0.850
0.890
43
CSMH0312D-100M
10
M
0.270
0.730
0.720
32
CSMH0312D-150M
15
M
0.450
0.530
0.570
26
CSMH0312D-220M
22
M
0.630
0.500
0.500
22
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSMH0312D
3.0
(0.118)
3.0
(0.118)
1.2
(0.047)
0.9
(0.035)
1.9
(0.075)
2.2
(0.087)
0.8
(0.031)
2.7
(0.106)
Tol.
±0.1
(0.004)
±0.1
(0.004)
Max.
±0.2
(0.008)
±0.2
(0.008)
Typ.
Typ.
Typ.
C. General Information:
1. CSMH0312D-xxx_, “CSMH0312D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ± 30%, M = ± 20%.
3. Operating temperature range: -25ºC to +120ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4285A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502.
7. SRF measured using the HP4291B.
8. Saturation Current Idc1: The value of current causes a 30% Inductance reduction from initial value. ( at : 20 ºC ambient)
9. Temperature rise current Idc2: The value of current causes a 40ºC temperature rise. ( at : 20 ºC ambient)
10. Rated Current: Either Idc1 or Idc2 whichever is smaller.
11. MSL: Level 1.
12. Inductance and Current range: From 1.0 µH (1.710 A) to 22.0µH (0.5 A).
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.


Número de pieza similar - CSMH0312D-2R2M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
CSMH2410D FRONTIER-CSMH2410D Datasheet
256Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMH2410D-100M FRONTIER-CSMH2410D-100M Datasheet
256Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMH2410D-150M FRONTIER-CSMH2410D-150M Datasheet
256Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMH2410D-1R0N FRONTIER-CSMH2410D-1R0N Datasheet
256Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMH2410D-1R5M FRONTIER-CSMH2410D-1R5M Datasheet
256Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results

Descripción similar - CSMH0312D-2R2M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
   SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
   Wire Wound SMD Power Inductors
logo
Frontier Electronics.
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com