Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCC600-48U-9P Datasheet(PDF) 7 Page - Artesyn Technologies

No. de pieza LCC600-48U-9P
Descripción Electrónicos  600 Watts Conduction Cooling
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARTESYN [Artesyn Technologies]
Página de inicio  
Logo ARTESYN - Artesyn Technologies

LCC600-48U-9P Datasheet(HTML) 7 Page - Artesyn Technologies

  LCC600-48U-9P Datasheet HTML 1Page - Artesyn Technologies LCC600-48U-9P Datasheet HTML 2Page - Artesyn Technologies LCC600-48U-9P Datasheet HTML 3Page - Artesyn Technologies LCC600-48U-9P Datasheet HTML 4Page - Artesyn Technologies LCC600-48U-9P Datasheet HTML 5Page - Artesyn Technologies LCC600-48U-9P Datasheet HTML 6Page - Artesyn Technologies LCC600-48U-9P Datasheet HTML 7Page - Artesyn Technologies LCC600-48U-9P Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LCC600 Data Sheet
Figure 1. Output Power vs. Baseplate Temperature
Figure 2. Output Power vs. Input Voltage
Figure 3. Typical Efficiency for 28 V output
Figure 4. Typical Efficiency for 48 V output
Power Derating Curves
Efficiency Curves
Figure 5. Typical Efficiency for 36 V output
Figure 6. Typical Efficiency for 12 V output


Número de pieza similar - LCC600-48U-9P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
LCC6-14JAW-L PANDUIT-LCC6-14JAW-L Datasheet
84Kb / 1P
   Copper Lug - Slotted Two-Hole, Long Barrel with Window
LCC6-38DW-L PANDUIT-LCC6-38DW-L Datasheet
92Kb / 1P
   COPPER LUG - TWO-HOLE, LONG BARREL WITH WINDOW
More results

Descripción similar - LCC600-48U-9P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
LCC250-12U-4P ARTESYN-LCC250-12U-4P Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
logo
Mean Well Enterprises C...
PHP-3500-HV MEANWELL-PHP-3500-HV Datasheet
4Mb / 11P
   3500W Conduction Cooling with High Voltage Output
PHP-3500 MEANWELL-PHP-3500 Datasheet
894Kb / 10P
   3500W Conduction Cooling with PFC Switching Supply
UHP-1500 MEANWELL-UHP-1500 Datasheet
324Kb / 7P
   1500W Conduction Cooling with PFC Switching Supply
PHP-3500-HV MEANWELL-PHP-3500-HV_V01 Datasheet
4Mb / 11P
   3500W Conduction Cooling with High Voltage Output
2022-11-28
UHP-2500 MEANWELL-UHP-2500 Datasheet
346Kb / 7P
   2500W Conduction Cooling with PFC Switching Supply
logo
Astec America, Inc
AIF120Y300 ASTEC-AIF120Y300 Datasheet
131Kb / 2P
   600 Watts
logo
NEC
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
   30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
   30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
   14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com