Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST12LF09-Q3CE-K Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza SST12LF09-Q3CE-K
Descripción Electrónicos  2.4 GHz High-Linearity, WLAN Front-End Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09-Q3CE-K Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST12LF09-Q3CE-K Datasheet HTML 3Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 4Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 5Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 6Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 7Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 8Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 9Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 10Page - Microchip Technology SST12LF09-Q3CE-K Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2013 Microchip Technology Inc.
DS75083B-page 7
SST12LF09
TABLE 5-7:
CONTROL VOLTAGES1
Function
PEN
CRX
LEN
CBT
Transmit mode
3.1V
0
0
0
Bluetooth
00
0
3V
Receive mode, LNA on
03V
3V
0
Receive mode, LNA bypass
03V
0
0
OFF
00
0
0
1. No other operating modes are allowed


Número de pieza similar - SST12LF09-Q3CE-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST12LF09-Q3CE-K MICROCHIP-SST12LF09-Q3CE-K Datasheet
364Kb / 15P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
More results

Descripción similar - SST12LF09-Q3CE-K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SKY85314-11 SKYWORKS-SKY85314-11 Datasheet
174Kb / 2P
   2.4 GHz, 64 QAM WLAN Front-End Module
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN Front-End Module
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
   2.4 GHz, 1024 QAM WLAN Front-End Module
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85310-21 SKYWORKS-SKY85310-21 Datasheet
172Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
logo
TriQuint Semiconductor
TQF7059 TRIQUINT-TQF7059 Datasheet
536Kb / 7P
   5 GHz WLAN Front End Module
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Skyworks Solutions Inc.
SKY85728-11 SKYWORKS-SKY85728-11 Datasheet
173Kb / 2P
   5 GHz WLAN Front-End Module
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
SKY85736-11 SKYWORKS-SKY85736-11 Datasheet
502Kb / 13P
   5 GHz WLAN Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com