Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC3303PG Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC3303PG
Descripción Electrónicos  Single Supply Quad Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3303PG Datasheet(HTML) 7 Page - ON Semiconductor

  MC3303PG Datasheet HTML 1Page - ON Semiconductor MC3303PG Datasheet HTML 2Page - ON Semiconductor MC3303PG Datasheet HTML 3Page - ON Semiconductor MC3303PG Datasheet HTML 4Page - ON Semiconductor MC3303PG Datasheet HTML 5Page - ON Semiconductor MC3303PG Datasheet HTML 6Page - ON Semiconductor MC3303PG Datasheet HTML 7Page - ON Semiconductor MC3303PG Datasheet HTML 8Page - ON Semiconductor MC3303PG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC3403, MC3303
http://onsemi.com
7
1
2
1
2
1
2
pRC
Figure 13. Bi−Quad Filter
Vref =
VCC
-
+
R2
C1
Vin
Vref
Vref
Vref
Vref
R
100 k
100 k
R2
R1
R3
C1
Bandpass
Output
R = 160 k
W
C = 0.001
mF
R1 = 1.6 M
W
R2 = 1.6 M
W
R3 = 1.6 M
W
= center frequency gain
= passband notch gain
fo =
R1 = QR
R2 =
R3 = TNR2
C1 = 10 C
fo
Q
TBP
TN
R1
TBP
R
C
C
Notch Output
1/2
MC3403
1/2
MC3403
1/2
MC3403
1/2
MC3403
-
-
-
+
+
+
1
2
Figure 14. Function Generator
Vref =
VCC
Triangle Wave
Output
Vref
Square Wave
Output
Vref
R2
R3
75 k
300 k
R1
100 k
Rf
C
-
f =
R1 +RC
if R3 =
R2 R1
R2 +R1
+
1/2
MC3403
1/2
MC3403
-
+
Q
p fo C
Figure 15. Multiple Feedback Bandpass Filter
1/2
MC3403
-
+
Vin
R1
C
C
R3
VCC
VO
CO
CO = 10 C
Vref
R2
Vref =
VCC
fo = center frequency
Given:
A(fo) = gain at center frequency
Choose value fo, C
Then:
R3 =
R2 =
R1 =
For less than 10% error from operational amplifier
where fo and BW are expressed in Hz.
If source impedance varies, filter may be preceded with
voltage follower buffer to stabilize filter parameters.
R3
2 A(fo)
R1 R5
4Q2 R1 -R5
Oo fo
< 0.1
BW
For:
= 1.0 kHz
= 10
= 1
= 1
Where:
TBP
TN
4 CRf R1


Número de pieza similar - MC3303PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC3303PG ONSEMI-MC3303PG Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results

Descripción similar - MC3303PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com