Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BA4560F-E2 Datasheet(PDF) 4 Page - Rohm

No. de Pieza. BA4560F-E2
Descripción  Low Noise Operational Amplifiers
Descarga  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

BA4560F-E2 Datasheet(HTML) 4 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
4/48
19.Nov.2014 Rev.003
TSZ22111・15・00
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
Absolute Maximum Ratings (TA=25℃)
Parameter
Symbol
Ratings
Unit
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
PD
SOP8
0.55
(Note1,6)
0.69
(Note1,6)
-
-
W
SOP-J8
0.54
(Note2,6)
0.67
(Note2,6)
-
-
SSOP-B8
0.50
(Note3,6)
0.62
(Note3,6)
-
-
TSSOP-B8
0.50
(Note3,6)
0.62
(Note3,6)
-
-
MSOP8
0.47
(Note4,6)
0.58
(Note4,6)
-
-
SSOP-B14
-
-
0.87
(Note5,6)
0.87
(Note5,6)
Differential Input Voltage
(Note 7)
VID
VCC-VEE
+36
V
Input Common-mode Voltage
Range
VICM
VEE to VCC
(VEE-0.3) to VEE+36
V
Input Current
(Note 8)
II
-10
mA
Operating Supply Voltage Range
Vopr
+8 to +30 (±4 to ±15)
V
Operating Temperature Range
Topr
-40 to +85
-40 to +105
Storage Temperature Range
Tstg
-55 to +125
-55 to +150
Maximum Junction Temperature
TJMAX
+125
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
(Note 1) To use at temperature above TA=25℃ reduce 5.5mW.
(Note 2) To use at temperature above TA=25℃ reduce 5.4mW.
(Note 3) To use at temperature above TA=25℃ reduce 5.0mW.
(Note 4) To use at temperature above TA=25℃ reduce 4.7mW.
(Note 5) To use at temperature above TA=25℃ reduce 7.0mW.
(Note 6) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
(Note 7) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 8) An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is
operated in a special mode exceeding the absolute maximum ratings.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn