Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA8522RF-E2 Datasheet(PDF) 7 Page - Rohm

No. de pieza BA8522RF-E2
Descripción Electrónicos  Low Noise Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA8522RF-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BA8522RF-E2 Datasheet HTML 3Page - Rohm BA8522RF-E2 Datasheet HTML 4Page - Rohm BA8522RF-E2 Datasheet HTML 5Page - Rohm BA8522RF-E2 Datasheet HTML 6Page - Rohm BA8522RF-E2 Datasheet HTML 7Page - Rohm BA8522RF-E2 Datasheet HTML 8Page - Rohm BA8522RF-E2 Datasheet HTML 9Page - Rohm BA8522RF-E2 Datasheet HTML 10Page - Rohm BA8522RF-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Datasheet
TSZ02201-0RAR1G200040-1-2
7/22
13.Sep.2013 Rev.001
TSZ22111・15・00
BA8522Rxxx
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
0
5
10
15
20
25
30
0.1
1
10
Load Resistance [k
Ω]
Typical Performance Curves
○ BA8522Rxxx
(*) The above data is measurement value of typical sample, it is not guaranteed.
Figure 3.
Supply Current vs Supply Voltage
25°C
105°C
-40°C
0
2
4
6
8
10
0
5
10
15
20
25
30
35
Supply Voltage [V]
BA8522RF
BA8522RFV
BA8522RFVM
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
.
Figure 2.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 5.
Maximum Output Voltage Swing vs Load Resistance
(VCC/VEE=+15V/-15V, TA=25°C)
Figure 4.
Supply Current vs Ambient Temperature
±2 V
±15V
±7.5 V
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]


Número de pieza similar - BA8522RF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
BA8522RF ROHM-BA8522RF Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
More results

Descripción similar - BA8522RF-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com