Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7242YFVM-C Datasheet(PDF) 8 Page - Rohm

No. de pieza BU7242YFVM-C
Descripción Electrónicos  Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7242YFVM-C Datasheet(HTML) 8 Page - Rohm

Back Button BU7242YFVM-C Datasheet HTML 4Page - Rohm BU7242YFVM-C Datasheet HTML 5Page - Rohm BU7242YFVM-C Datasheet HTML 6Page - Rohm BU7242YFVM-C Datasheet HTML 7Page - Rohm BU7242YFVM-C Datasheet HTML 8Page - Rohm BU7242YFVM-C Datasheet HTML 9Page - Rohm BU7242YFVM-C Datasheet HTML 10Page - Rohm BU7242YFVM-C Datasheet HTML 11Page - Rohm BU7242YFVM-C Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Datasheet
www.rohm.com
TSZ02201-0GLG0G200810-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
8/22
12.Jul.2016 Rev.001
TSZ22111・15・001
BU7242YFVM-C
Typical Performance Curves - Continued
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
1
2
3
4
5
6
Supply Voltage [V]
0
10
20
30
40
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Voltage [V]
0
20
40
60
80
100
0
1
2
3
4
5
6
Output Voltage [V]
Figure 15. Output Sink Current vs Output Voltage
(VDD=5.5V)
Figure 16. Output Sink Current vs
Ambient Temperature (OUT=VSS+0.4V)
-40°C
25°C
125°C
5.5V
1.8V
3.0V
Figure 17. Input Offset Voltage vs Supply Voltage
(VICM=VDD, EK=-VDD/2)
-40°C
25°C
125°C
Figure 14. Output Sink Current vs Output Voltage
(VDD=3.0V)
-40°C
25°C
125°C


Número de pieza similar - BU7242YFVM-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7242F ROHM-BU7242F Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7242F ROHM-BU7242F Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7242F ROHM-BU7242F Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7242F-E2 ROHM-BU7242F-E2 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7242FVM ROHM-BU7242FVM Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
More results

Descripción similar - BU7242YFVM-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com