Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7271G-TR Datasheet(PDF) 11 Page - Rohm

No. de pieza BU7271G-TR
Descripción Electrónicos  Ultra Low Supply Current CMOS Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7271G-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU7271G-TR Datasheet HTML 7Page - Rohm BU7271G-TR Datasheet HTML 8Page - Rohm BU7271G-TR Datasheet HTML 9Page - Rohm BU7271G-TR Datasheet HTML 10Page - Rohm BU7271G-TR Datasheet HTML 11Page - Rohm BU7271G-TR Datasheet HTML 12Page - Rohm BU7271G-TR Datasheet HTML 13Page - Rohm BU7271G-TR Datasheet HTML 14Page - Rohm BU7271G-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200290-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
11/18
19.Sep.2013 Rev.001
TSZ22111・15・001
BU7271G
BU7271SG
Application Information
NULL method condition for Test circuit1
VDD, VSS, EK, VICM Unit:V
Parameter
VF
SW1
SW2
SW3
VDD
VSS
EK
VICM
Calculation
Input Offset Voltage
VF1
ON
ON
OFF
3
0
-1.5
3
1
Large Signal Voltage Gain
VF2
ON
ON
ON
3
0
-0.5
1.5
2
VF3
-2.5
Common-mode Rejection Ratio
(Input Common-mode Voltage Range)
VF4
ON
ON
OFF
3
0
-1.5
0
3
VF5
3
Power Supply Rejection Ratio
VF6
ON
ON
OFF
1.8
0
-0.9
0
4
VF7
ON
ON
OFF
5.5
0
-0.9
0
- Calculation -
1. Input Offset Voltage (VIO)
2. Large Signal Voltage Gain (AV)
3. Common-mode Rejection Ration (CMRR)
4. Power supply rejection ratio (PSRR)
Figure 25. Test Circuit 1
VICM
RS=50Ω
RS=50Ω
RF=50kΩ
RI=1MΩ
RI=1MΩ
0.015
μF
0.015
μF
SW1
SW2
50k
SW3
RL
VRL
0.1
μF
EK
500k
500k
1000pF
VF
0.01
μF
15V
-15V
VDD
VSS
Vo
V
NULL
DUT
|VF5 -VF4|
CMRR = 20Log
V
ICM × (1+RF/RS)
[dB]
Av = 20Log
|VF3 - VF2|
E
K × (1+RF/RS)
[dB]
PSRR = 20Log
|VF7 - VF6|
VDD × (1+ R
F/RS)
[dB]
VIO =
1 + RF/RS
[V]
|VF1|


Número de pieza similar - BU7271G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7271G-TR ROHM-BU7271G-TR Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
More results

Descripción similar - BU7271G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Rohm
LMR341G ROHM-LMR341G Datasheet
319Kb / 7P
   Low Supply Current Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com