Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7271G-TR Datasheet(PDF) 6 Page - Rohm

No. de pieza BU7271G-TR
Descripción Electrónicos  Ultra Low Supply Current CMOS Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7271G-TR Datasheet(HTML) 6 Page - Rohm

Back Button BU7271G-TR Datasheet HTML 2Page - Rohm BU7271G-TR Datasheet HTML 3Page - Rohm BU7271G-TR Datasheet HTML 4Page - Rohm BU7271G-TR Datasheet HTML 5Page - Rohm BU7271G-TR Datasheet HTML 6Page - Rohm BU7271G-TR Datasheet HTML 7Page - Rohm BU7271G-TR Datasheet HTML 8Page - Rohm BU7271G-TR Datasheet HTML 9Page - Rohm BU7271G-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200290-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
6/18
19.Sep.2013 Rev.001
TSZ22111・15・001
BU7271G
BU7271SG
Typical Performance Curves - continued
○BU7271G, BU7271SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7271G: -40
C to +85C BU7271SG: -40C to +105C
0
1
2
3
4
5
6
123
45
6
Supply Voltage [V]
0
5
10
15
20
12
3
45
6
Supply Voltage [V]
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
5
10
15
20
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 8.
Maximum Output Voltage (Low) vs Supply Voltage
(RL=10kΩ)
Figure 6.
Maximum Output Voltage (High) vs Supply Voltage
(RL=10kΩ)
Figure 7.
Maximum Output Voltage (High) vs Ambient Temperature
(RL=10kΩ)
Figure 9.
Maximum Output Voltage (Low) vs Ambient Temperature
(RL=10kΩ)
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V


Número de pieza similar - BU7271G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7271G-TR ROHM-BU7271G-TR Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
More results

Descripción similar - BU7271G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Rohm
LMR341G ROHM-LMR341G Datasheet
319Kb / 7P
   Low Supply Current Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com